Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0824A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0824A
Description  SAW Filter 1250 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0824A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0824A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA0824A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Reel Count : 7”=1000 ; 13”=3000 )
2.TAPE DIMENSION


Similar Part No. - TA0824A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0824A GOLLEDGE-TA0824A Datasheet
79Kb / 6P
   SAW Filter 1250MHz
More results

Similar Description - TA0824A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2386A TAI-SAW-TA2386A Datasheet
595Kb / 7P
   SAW Filter 1250 MHz
logo
TriQuint Semiconductor
856653 TRIQUINT-856653_15 Datasheet
616Kb / 7P
   1250 MHz Filter
logo
KR Electronics, Inc.
3008-SMA KR-3008-SMA Datasheet
56Kb / 3P
   1250 MHz Lowpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
KR Electronics, Inc.
3008 KR-3008 Datasheet
48Kb / 3P
   1250 MHz Lowpass
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com