Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0828A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0828A
Description  SAW Filter 868.30MHz SMD3.8X3.8mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0828A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0828A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
G. PACKING:
1.REEL DIMENSION
2.TAPE DIMENSION


Similar Part No. - TA0828A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0828A GOLLEDGE-TA0828A Datasheet
206Kb / 5P
   SAW Filter 868.30MHz
More results

Similar Description - TA0828A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
logo
Golledge Electronics Lt...
MP01540 GOLLEDGE-MP01540 Datasheet
206Kb / 5P
   SAW Filter 868.30MHz
MP01916 GOLLEDGE-MP01916 Datasheet
185Kb / 5P
   SAW Filter 868.30MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0659A TAI-SAW-TA0659A Datasheet
285Kb / 6P
   SAW Filter 868.30MHz SMD3.0X3.0mm
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
   SAW Filter 467.5375MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
   SAW Filter 456MHz SMD3.8X3.8mm
TA0475A TAI-SAW-TA0475A Datasheet
270Kb / 5P
   SAW Filter 462.5375MHz SMD3.8X3.8mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0280A TAI-SAW-TA0280A Datasheet
296Kb / 5P
   SAW Filter 868.30MHz SMD5X5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com