Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62661YFFT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62661YFFT
Description  1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62661YFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62661YFFT Datasheet HTML 4Page - Texas Instruments TPS62661YFFT Datasheet HTML 5Page - Texas Instruments TPS62661YFFT Datasheet HTML 6Page - Texas Instruments TPS62661YFFT Datasheet HTML 7Page - Texas Instruments TPS62661YFFT Datasheet HTML 8Page - Texas Instruments TPS62661YFFT Datasheet HTML 9Page - Texas Instruments TPS62661YFFT Datasheet HTML 10Page - Texas Instruments TPS62661YFFT Datasheet HTML 11Page - Texas Instruments TPS62661YFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
1
2
3
4
5
6
7
8
9
10
11
12
0
50
100 150 200 250 300 350 400 450 500 550 600
I
-LoadCurrent-mA
O
V
=1.8V(TPS62661)
L =1µH(muRataLQM2MPN1R0NG0)
C
=10µF4V0402X5R(muRataGRM155R60G106M)
O
O
V =4.2V
I
V =3.6V
I
V =2.9V
I
t-Time-5µs/div
V =3.6V,
V
=1.8V(TPS62660)
I
O
50to350mA LoadStep
3.3to3.9VLineStep
MODE=Low
t-Time-2ms/div
MODE=Low
0to150mA LoadStep
V =3.6V,
V
=1.8V(TPS62660)
I
O
50to350mA LoadStep
2.7to3.3VLineStep
V =3.6V,
V
=1.8V(TPS62660)
I
O
t-Time-5
s/div
m
MODE=Low
TPS6266x
SLVS871A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
LOAD CURRENT
COMBINED LINE/LOAD TRANSIENT RESPONSE
Figure 9.
Figure 10.
LOAD TRANSIENT RESPONSE IN
COMBINED LINE/LOAD TRANSIENT RESPONSE
PFM/PWM OPERATION
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS6266x


Similar Part No. - TPS62661YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62661YFFT TI1-TPS62661YFFT Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
More results

Similar Description - TPS62661YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com