Electronic Components Datasheet Search |
|
MAX3110ECNI Datasheet(PDF) 11 Page - Maxim Integrated Products |
|
MAX3110ECNI Datasheet(HTML) 11 Page - Maxim Integrated Products |
11 / 31 page SPI/MICROWIRE-Compatible UART and ±15kV ESD- Protected RS-232 Transceivers with Internal Capacitors ______________________________________________________________________________________ 11 SPI Interface The MAX3110E/MAX3111E are compatible with SPI, QSPI (CPOL = 0, CPHA = 0), and MICROWIRE serial- interface standards (Figure 2). The MAX3110E/ MAX3111E have a unique full-duplex-only architecture that expects a 16-bit word for DIN and simultaneously produces a 16-bit word for DOUT regardless of which read/write register is used. The DIN stream is moni- tored for its first two bits to tell the UART the type of data transfer being executed (see the Write Configuration Register, Read Configuration Register, Write Data Register, and Read Data Register sections). DIN (MOSI) is latched on SCLK’s rising edge. DOUT (MISO) should be read into the µP on SCLK’s rising edge. The first bit (bit 15) of DOUT transitions on CS’s falling edge, and bits 14–0 transition on SCLK’s falling edge. Figure 3 shows the detailed serial timing specifi- cations for the synchronous SPI port. Only 16-bit words are expected. If CS goes high in the middle of a transmission (any time before the 16th bit), the sequence is aborted (i.e., data does not get written to individual registers). Most operations, such as the clearing of internal registers, are executed only on CS’s rising edge. Every time CS goes low, a new 16-bit stream is expected. An example of using the Write Configuration Register is shown in Figure 4. Table 1 describes the bits located in the Write Config- uration, Read Configuration, Write Data, and Read Data Registers. This table also describes whether the bit is a read or a write bit and the power-on reset state (POR) of the bits. Figure 5 shows an example of parity and word-length control. CS SCLK SCLK SCLK SCLK (CPOL = 0, CPHA = 0) (CPOL = 0, CPHA = 1) (CPOL = 1, CPHA = 0) (CPOL = 1, CPHA = 1) COMPATIBLE WITH MAX3110E/MAX3111E NOT COMPATIBLE WITH MAX3110E/MAX3111E DIN MSB 13 14 12 11 10 9 8 7 6 5 4 3 2 1 LSB DOUT MSB 13 14 12 11 10 9 8 7 6 5 4 3 2 1 LSB Figure 2. Compatible CPOL and CPHA Timing Modes • • • • • • • • • • • • CS SCLK DIN DOUT tCSO tCSS tCL tDS tDH tDV tCH tDO tTR tCSH tCS1 Figure 3. Detailed Serial Timing Specifications for the Synchronous SPI Port |
Similar Part No. - MAX3110ECNI |
|
Similar Description - MAX3110ECNI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |