Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16826 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16826
Description  Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16826 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16826 Datasheet HTML 4Page - Maxim Integrated Products MAX16826 Datasheet HTML 5Page - Maxim Integrated Products MAX16826 Datasheet HTML 6Page - Maxim Integrated Products MAX16826 Datasheet HTML 7Page - Maxim Integrated Products MAX16826 Datasheet HTML 8Page - Maxim Integrated Products MAX16826 Datasheet HTML 9Page - Maxim Integrated Products MAX16826 Datasheet HTML 10Page - Maxim Integrated Products MAX16826 Datasheet HTML 11Page - Maxim Integrated Products MAX16826 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Programmable, Four-String HB LED Driver with
Output-Voltage Optimization and Fault Detection
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
PGND
Power Ground
2, 3
GND
Analog Ground
4
RTCT
Timing Resistor and Capacitor Connection. A resistor, R19 (in the Typical Application Circuit), from VCC to
RTCT and a capacitor C33, from RTCT to GND set the oscillator frequency. See the Oscillator section to
calculate RT and CT component values.
5
SYNC/EN
Synchronization and Enable Input. There are three operating modes:
SYNC/EN = LOW: Low current shutdown mode with all circuits shut down except shunt regulator.
SYNC/EN = HIGH: All circuits active with oscillator frequency set by RTCT network.
SYNC/EN = CLOCKED: All circuits active with oscillator frequency set by SYNC clock input. Conversion
cycles initiate on the rising edge of external clock input. The frequency programmed by R19/C33 must be
10% lower than the input SYNC/EN signal frequency.
6
CSS
Soft-Start Timing Capacitor Connection. Connect a capacitor from CSS to GND to program the required soft-
start time for the switching regulator output voltage to reach regulation. See the Soft-Start (CSS) section to
calculate CCSS.
7
COMP
Switching Regulator Compensation Component Connection. Connect the compensation network between
COMP and FB.
8FB
Switching Regulator Feedback Input. Connect FB to the center of a resistor-divider connected between the
switching regulator output and GND to set the output voltage. FB is regulated to a voltage set by an internal
register. See the Setting Output Voltage section for calculating resistor values.
9
OVP
Switching Regulator Overvoltage Input. Connect OVP to the center of a resistor-divider connected between the
switching regulator output and GND. For normal operation, configure the resistor-divider so that the voltage at
this pin does not exceed 1.25V. If operation under load dump conditions is also required, configure the resistor-
divider so that the voltage at OVP is less than 1.25V.
10
RSC
Slope Compensation Resistor and PWM Comparator Input Connection. Connect a resistor, R17, from RSC to
the switching current-sense resistor to set the amount of the compensation ramp. See the Slope Compensation
(RSC) section for calculating the value.
11
SDA
I2C Serial Data Input/Output
12
SCL
I2C Serial Clock Input
13
DIM1
LED String 1 Logic-Level PWM Dimming Input. A high logic level on DIM1 enables the current sink to operate at
the maximum current as determined by its sense resistor and internal register value. A low logic level disables
the current source.
14
DIM2
LED String 2 Logic-Level PWM Dimming Input. A high logic level on DIM2 enables the current sink to operate at
the maximum current as determined by its sense resistor and internal register value. A low logic level disables
the current source.
15
DIM3
LED String 3 Logic-Level PWM Dimming Input. A high logic level on DIM3 enables the current sink to operate at
the maximum current as determined by its sense resistor and internal register value. A low logic level disables
the current source.
16
DIM4
LED String 4 Logic-Level PWM Dimming Input. A high logic level on DIM4 enables the current sink to operate at
the maximum current as determined by its sense resistor and internal register value. A low logic level disables
the current source.
17
CS1
LED String 1 Current-Sense Input. CS1 is regulated to a value set by an internal register. The regulation voltage
can be set between 97mV and 316mV.


Similar Part No. - MAX16826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16826 MAXIM-MAX16826 Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826 Datasheet
238Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
MAX16826ATJ++ MAXIM-MAX16826ATJ+ Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_10 Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_11 Datasheet
238Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
More results

Similar Description - MAX16826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16826 MAXIM-MAX16826_11 Datasheet
238Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
MAX16826 MAXIM-MAX16826_10 Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_15 Datasheet
250Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 6; 2/15
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6978 MAXIM-MAX6978 Datasheet
327Kb / 13P
   8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog
Rev 1; 3/05
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
   Protected Quad Driver with Fault Detection and Sleep Mode
logo
Analog Devices
ADUM4137 AD-ADUM4137_V01 Datasheet
623Kb / 28P
   High Voltage, Isolated IGBT Gate Driver with Fault Detection
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com