Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16801BEUA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16801BEUA+
Description  Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16801BEUA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16801BEUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 13Page - Maxim Integrated Products MAX16801BEUA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Offline and DC-DC PWM Controllers for
High-Brightness LED Drivers
10
______________________________________________________________________________________
Applications Information
Startup Time Considerations for High-
Brightness LED Drivers Using MAX16801
The IN bypass capacitor C1 supplies current immedi-
ately after wake-up (Figure 5). The size of C1 and the
connection configuration of the tertiary winding deter-
mine the number of cycles available for startup. Large
values of C1 increase the startup time but also supply
gate charge for more cycles during initial startup. If the
value of C1 is too small, VIN drops below +9.7V
because NDRV does not have enough time to switch
and build up sufficient voltage across the tertiary wind-
ing that powers the device. The device goes back into
UVLO and does not start. Use low-leakage capacitors
for C1 and C2.
Assuming that offline LED drivers keep typical startup
times to less than 500ms even in low-line conditions
(85VAC input for universal offline applications), size the
startup resistor R1 to supply both the maximum startup
bias of the device (90µA, worst case) and the charging
current for C1 and C2. The bypass capacitor C2 must
charge to +9.5V and C1 to +24V, all within the desired
time period of 500ms.
Because of the internal 60ms soft-start time of the
MAX16801, C1 must store enough charge to deliver
current to the device for at least this much time. To cal-
culate the approximate amount of capacitance
required, use the following formula:
where IIN is the MAX16801’s internal supply current
after startup (1.4mA), Qgtot is the total gate charge for
Q1, fSW is the MAX16801’s switching frequency
(262kHz), VHYST is the bootstrap UVLO hysteresis
(11.9V) and tSS is the internal soft-start time (60ms).
For example:
Choose the 15µF standard value.
Assuming C1 > C2, calculate the value of R1 as follows:
where VIN(MIN) is the minimum input supply voltage for
the application, VSUVR is the bootstrap UVLO wake-up
level (+23.6V, max), and ISTART is the IN supply current
at startup (90µA, max).
For example, for the minimum AC input of 85V:
Choose the 120k
Ω standard value.
Choose a higher value for R1 than the one calculated
above if longer startup time can be tolerated in order to
minimize power loss on this resistor.
The above startup method is applicable to a circuit sim-
ilar to the one shown in Figure 5. In this circuit, the ter-
tiary winding has the same phase as the output
windings. Thus, the voltage on the tertiary winding at
any given time is proportional to the output voltage and
goes through the same soft-start period as the output
voltage. The minimum discharge voltage of C1 from
+22V to +10V must be greater than the soft-start time of
60ms.
Another method of bootstrapping the circuit is to have a
separate bias winding than the one used for regulating
the output voltage and to connect the bias winding so
that it is in phase with the MOSFET ON time (see Figure
9). In this case, the amount of capacitance required is
much smaller.
However, in this mode, the input voltage range has to
be less than 2:1. Another consideration is whether the
bias winding is in phase with the output. If so, the LED
driver circuit hiccups and soft-starts under output short-
circuit conditions. However, this property is lost if the
bias winding is in phase with the MOSFET ON time.
I
VµF
ms
mA
R
V
C1
24
15
500
072
1
120
= ()
×
()
()
=
=
.
2
24
072
90
119
V
mA
A
k
.(
)
()
=
I
VC
ms
R
VV
II
C
SUVR
IN MIN
SUVR
C
START
1
1
1
500
1
=
×
()
=
+
()
Ig
nC
kHz
mA
C
mA
mA
ms
V
F
() (
)
.
..
.
=
=
+
()×()
()
8
262
2 1
1
14
21
60
12
17 5
IQ
f
C
II
t
V
g
gtot
SW
IN
g
SS
HYST
=
+
()()
1


Similar Part No. - MAX16801BEUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801BEUA MAXIM-MAX16801BEUA Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
More results

Similar Description - MAX16801BEUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Zetex Semiconductors
ZXRD1000 ZETEX-ZXRD1000 Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
logo
Diodes Incorporated
ZXRD1000 DIODES-ZXRD1000 Datasheet
292Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC??PWM DC-DC CONTROLLERS
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Maxim Integrated Produc...
MAX15054 MAXIM-MAX15054 Datasheet
1Mb / 9P
   High-Side MOSFET Driver for HB LED Drivers and DC-DC Applications
Rev 0; 9/09
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com