Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6172GU Datasheet(PDF) 9 Page - Rohm

Part # BH6172GU
Description  High-efficiency Power Management IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6172GU Datasheet(HTML) 9 Page - Rohm

Back Button BH6172GU Datasheet HTML 5Page - Rohm BH6172GU Datasheet HTML 6Page - Rohm BH6172GU Datasheet HTML 7Page - Rohm BH6172GU Datasheet HTML 8Page - Rohm BH6172GU Datasheet HTML 9Page - Rohm BH6172GU Datasheet HTML 10Page - Rohm BH6172GU Datasheet HTML 11Page - Rohm BH6172GU Datasheet HTML 12Page - Rohm BH6172GU Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
I
2C Bus AC specification
Characteristics
Symbol
Min
Max
Unit
CLK clock frequency
fCLK
0
400
kHz
CLK clock “low” time
tLOW
1.3
-
μs
CLK clock “high” time
tHIGH
0.6
-
μs
Bus free time
tBUF
1.3
-
μs
Start condition hold time
tHD.STA
0.6
-
μs
Start condition setup time
tSU.STA
0.6
-
μs
Data input hold time
tHD.DAT
0
-
ns
Data input setup time
tSU.DAT
100
-
ns
Stop condition setup time
tSU.STO
0.6
-
μs
CLK
DATA
(INPUT)
t
F
t
HIGH
t
LOW
t
R
t
SU.STO
t
SU.DAT
t
HD.DAT
t
SU.STA
t
HD.STA
t
BUF
Fig.6
Bus timing 1
CLK
DATA
(INPUT)
t
WR
Stop
condition
Acknowledge
output
Write data
input
Start
condition
D
O
Fig.7
Bus timing 2


Similar Part No. - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
388Kb / 17P
   System Regulator with High Efficiency DC/DC Converters
BH6172GU-E2 ROHM-BH6172GU-E2 Datasheet
388Kb / 17P
   System Regulator with High Efficiency DC/DC Converters
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
BH6172GU ROHM-BH6172GU_11 Datasheet
388Kb / 17P
   System Regulator with High Efficiency DC/DC Converters
More results

Similar Description - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5507E MPS-MP5507E Datasheet
1Mb / 18P
   7V, 3A, High-Efficiency, Energy Management IC for Power Backup
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
Texas Instruments
TPS65020 TI1-TPS65020_16 Datasheet
1Mb / 53P
[Old version datasheet]   Power Management IC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com