Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76071FJ Datasheet(PDF) 3 Page - Rohm

Part # BH76071FJ
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76071FJ Datasheet(HTML) 3 Page - Rohm

  BH76071FJ Datasheet HTML 1Page - Rohm BH76071FJ Datasheet HTML 2Page - Rohm BH76071FJ Datasheet HTML 3Page - Rohm BH76071FJ Datasheet HTML 4Page - Rohm BH76071FJ Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. A
■ Outer Dimentions
Fig.1.
SOP-J14
■ Block Diagram
■ Pin Number / Pin Name
Fig.2.
Block diagram
No.
Pin Name
No.
Pin Name
1
CVBS_IN
8
LPF_SEL
2
VREF
9
PR_OUT
3
PY_IN
10
PB_OUT
4
PB_IN
11
GND
5
PR_IN
12
PY_OUT
6
MUTE1
13
VCC
7
MUTE2
14
CVBS_OUT
BH76071FJ
Lot No.
1
2
3
4
5
6
7
8
10
14
13
12
11
BIAS
CLAMP
13.5MHz
LPF
REF
MUTE1
LPF_SEL
6.75MHz
LPF
75Ω
6dB
75Ω
6dB
75Ω
6dB
75Ω
6dB
HD
SD
CVBS_OUT
PR _IN
PB _IN
PY _IN
VREF
CVBS_IN
PY _OUT
GND
30MHz
LPF
13.5MHz
LPF
30MHz
LPF
13.5MHz
LPF
30MHz
LPF
HD
SD
HD
SD
PB _OUT
PR _OUT
VCC
MUTE2
CLAMP
BIAS
MUTE1
MUTE2
9
MUTE2
MUTE2
※ : Please use the impedance of the circuit connected
to the input terminals(1 and 3pin) at 1kΩ or less.


Similar Part No. - BH76071FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7600AFS ROHM-BH7600AFS Datasheet
281Kb / 6P
   3ch Video driver for digital STB
BH7600AFS ROHM-BH7600AFS Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
BH7601FS ROHM-BH7601FS Datasheet
270Kb / 6P
   3ch Video driver for digital STB
BH7601FS ROHM-BH7601FS Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
More results

Similar Description - BH76071FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com