Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76331FVM Datasheet(PDF) 4 Page - Rohm

Part # BH76331FVM
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76331FVM Datasheet(HTML) 4 Page - Rohm

  BH76331FVM Datasheet HTML 1Page - Rohm BH76331FVM Datasheet HTML 2Page - Rohm BH76331FVM Datasheet HTML 3Page - Rohm BH76331FVM Datasheet HTML 4Page - Rohm BH76331FVM Datasheet HTML 5Page - Rohm BH76331FVM Datasheet HTML 6Page - Rohm BH76331FVM Datasheet HTML 7Page - Rohm BH76331FVM Datasheet HTML 8Page - Rohm BH76331FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
4/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Control pin settings
CTL
A
B
STBY
L(OPEN)
L(OPEN)
IN1
L(OPEN)
H
IN2
H
L(OPEN)
IN3
H
H
Block diagram
Fig.1 BH76330FV
Fig.2 BH76331FV
Fig. 3 BH76332FV
Fig. 4 BH76333FV
IN1
CTLA
IN2
GND
OUT
1
2
3
6
7
8
VCC
4
5
CTLB
IN3
logic
Sync_Tip
Clamp
Sync_Tip
Clamp
75Ω
6dB
Sync_Tip
Clamp
IN1
CTLA
IN2
GND
OUT
1
2
36
7
8
VCC
4
5
CTLB
IN3
logic
75Ω
6dB
BIAS
BIAS
BIAS
IN1
CTLA
IN2
GND
OUT
1
2
3
6
7
8
VCC
4
5
CTLB
IN3
logic
Sync_Tip
Clamp
Sync_Tip
Clamp
Sync_Tip
Clamp
0dB
BIAS
IN1
CTLA
IN2
GND
OUT
1
2
36
7
8
VCC
4
5
CTLB
IN3
logic
0dB
BIAS
BIAS


Similar Part No. - BH76331FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76331FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com