Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76362FV Datasheet(PDF) 10 Page - Rohm

Part # BH76362FV
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76362FV Datasheet(HTML) 10 Page - Rohm

Back Button BH76362FV Datasheet HTML 6Page - Rohm BH76362FV Datasheet HTML 7Page - Rohm BH76362FV Datasheet HTML 8Page - Rohm BH76362FV Datasheet HTML 9Page - Rohm BH76362FV Datasheet HTML 10Page - Rohm BH76362FV Datasheet HTML 11Page - Rohm BH76362FV Datasheet HTML 12Page - Rohm BH76362FV Datasheet HTML 13Page - Rohm BH76362FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
10/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
12. With clamp input type models (BH76330FVM and BH76332FVM), if the termination impedance of the video input pin
becomes higher, sync contractions or oscillation-related problems may occur. Evaluate temperature and other
characteristics carefully and use at 1 kor less.
Evaluation board pattern diagram and circuit diagram
Parts list
Symbol
Function
Recommended value
Comments
R1
R3
R5
Input terminating resistor
75
C1
C3
C5
Input coupling
capacitor
See pages 6/16 to 7/16 to determine
B characteristics recommended
R71
Output resistor
75
C7
Output coupling
capacitor
See pages 6/16 to 7/16 to determine
B characteristics recommended
C01
Decoupling capacitor
10 µF
B characteristics recommended
C02
0.1 µF
Fig. 19. Evaluation Board Circuit Diagram
Fig. 20. Evaluation Board Pattern Diagram
0
1
2
3
4
5
6
01k
2k
3k
入力終端抵抗Rin[Ω]
Fig. 18. Relation between Input Pin Termination Impedance and Amount of Sync Contraction
Input termination resistance Rin [Ω]


Similar Part No. - BH76362FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76362FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com