Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L04-W Datasheet(PDF) 4 Page - Rohm

Part # BR24L04-W
Description  I2C BUS Serial EEPROMs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L04-W Datasheet(HTML) 4 Page - Rohm

  BR24L04-W Datasheet HTML 1Page - Rohm BR24L04-W Datasheet HTML 2Page - Rohm BR24L04-W Datasheet HTML 3Page - Rohm BR24L04-W Datasheet HTML 4Page - Rohm BR24L04-W Datasheet HTML 5Page - Rohm BR24L04-W Datasheet HTML 6Page - Rohm BR24L04-W Datasheet HTML 7Page - Rohm BR24L04-W Datasheet HTML 8Page - Rohm BR24L04-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4/32
Sync data input / output timing
Block diagram
Pin assignment and description
SDA
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
SCL
Input read at the rise edge of SCL
Data output in sync with the fall of SCL
Fig.1-(a) Sync data input / output timing
Fig.1-(b) Start-stop bit timing
Fig.1-(c) Write cycle timing
Fig.1-(d) WP timing at write execution
Fig.1-(e) WP timing at write cancel
At write execution, in the area from the D0 taken clock rise of the first
DATA(1), to tWR, set WP=“LOW”.
By setting WP “HIGH” in the area, write can be cancelled.
When it is set WP=“HIGH” during tWR, write is forcibly ended, and data of
address under access is not guaranteed, therefore write it once again.
tHIGH:WP
WP
SDA
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tWR
SCL
SDA
Write data
(
n-th address)
Stop condition
Start condition
SCL
WR
ACK
D0
Fig.2 Block diagram
Terminal
name
Input /
output
Function
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
A0
Input
Slave address setting
Not connected
Slave address setting
A1
Input
Slave address setting
Not connected
Slave address setting
A2
Input
Slave address setting
Not used
Slave address setting
GND
-
Reference voltage of all input / output, 0V
SDA
Input /
output
Slave and word address, Serial data input serial data output
SCL
Input
Serial clock input
WP
Input
Write protect terminal
Vcc
-
Connect the power source.
1Kbit~64Kbit EEPROM array
Control circuit
High voltage
generating circuit
Power source
voltage detection
7bit
8bit
9bit
10bi
t
11bit
12bit
13b
it
Address
decoder
Slave - word
address register
Data
register
8bit
7bit
8bit
9bit
10bi
t
11bit
12bit
13b
it
START
STOP
ACK
*1
*1
1
2
3
4
8
7
6
5
SDA
SCL
WP
Vcc
A1
A0
A2
GND
*2
*2
*2
1
7bit : BR24L01A-W
8bit : BR24L02-W
9bit : BR24L04-W
10bit : BR24L08-W
11bit : BR24L16-W
12bit : BR24L32-W
13bit : BR24L64-W
2 A0=N.C.
: BR24L04-W
A0, A1=N.C.
: BR24L08-W
A0, A1= N.C. A2=Don’t Use
: BR24L16-W
1
2
3
4
8
6
5
BR24L01A-W
BR24L02-W
BR24L04-W
BR24L08-W
BR24L16-W
BR24L32-W
BR24L64-W
A0
7
A1
A2
GND
Vcc
WP
SCL
SDA
SDA
(入力)
SDA
(出力)
tHD:STA
tHD:DAT
tSU:DAT
tBUF
tPD
tDH
tLOW
tHIGH
tR
tF
SCL
(input)
(output)
SCL
SDA
WP
HD:WP
ストップコンディション
WR
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tSU:WP
Stop condition


Similar Part No. - BR24L04-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24L04-W ROHM-BR24L04-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L04-W ROHM-BR24L04-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L04-W ROHM-BR24L04-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L04-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com