Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH76332FV Datasheet(PDF) 7 Page - Rohm

Part # BH76332FV
Description  Video Drivers with Built-in Low Voltage operation Single Video Switchers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76332FV Datasheet(HTML) 7 Page - Rohm

Back Button BH76332FV Datasheet HTML 3Page - Rohm BH76332FV Datasheet HTML 4Page - Rohm BH76332FV Datasheet HTML 5Page - Rohm BH76332FV Datasheet HTML 6Page - Rohm BH76332FV Datasheet HTML 7Page - Rohm BH76332FV Datasheet HTML 8Page - Rohm BH76332FV Datasheet HTML 9Page - Rohm BH76332FV Datasheet HTML 10Page - Rohm BH76332FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Technical Note
BH76330FVM, BH76331FVM, BH76360FV, BH76361FV,
BH76332FVM, BH76333FVM, BH76362FV, BH76363FV
7/32
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Cautions for selection and use of application parts
When using this IC by itself ①
Input type
Input impedance
Zin
Capacity of input coupling
capacitor (recommended
value)
Capacity of output coupling
capacitor (recommended
value)
Sync_Tip_Clamp
10 M

0.1 µF
470 µF to 1000 µF
Bias
150 k

4.7 µF
Method for determining capacity of input coupling capacitor
The HPF is comprised of an input coupling capacitor and the internal input impedance Zin of the IC. Since the fc value of this HPF is
determined using the following equation (a), the above recommended capacity for the input capacitor is derived. Usually, the cutoff
frequency fc is several Hz.
fc = 1 / (2π × C × Zin)・・・・(a)
When evaluating the sag characteristics and determining the capacity of the capacitor during video signal input, a horizontal stripe signal
called "H bar" (shown in Fig. 10) is suitable, and this type of signal is used instead of a color bar signal to evaluate characteristics and
determine capacity.
Method for determining capacity of output coupling capacitor
The output pins of models with a 75
 driver [BH76330FVM and BH76331FVM] have an HPF comprised of an output coupling capacitor and
load resistance RL (= 150). When fc is set to approximately 1 Hz or 2 Hz, the capacity of the output coupling capacitor needs to be
approximately 470 µF to 1000 µF.
As for models without the 75
 driver, an HPF is similarly comprised using the capacity of the output coupling capacitor and the input
impedance of the IC connected at the next stage, and the capacitance required for the output coupling capacitor should be estimated using
equation (a).
When this IC is used as a standalone device ②
In models that include a 75
 driver [BH76330FVM and BH76331FVM], up to two monitors (loads) can be connected (a connection example
is shown in Fig. 12). When there are multiple loads, the number of output coupling capacitors must be increased or a larger capacitance
must be used, based on the table shown below.
Application circuit example
No. of output capacitors
Capacitance per output capacitor (recommended values)
Fig. 12 (a)
No. of drives required
470 µF to 1000 µF (same as with one drive)
Fig. 12 (b)
1
(No. of drive × 470 µF to 1000) uF
When this IC is used as a standalone device ③
The BH76330FVM is the only model that can be used without an output coupling capacitor.
This use method not only enables reductions in board space and part-related costs, but it is able to improve the sag characteristics by
improving low-range frequency response. However, when the output coupling capacitor is omitted, a direct current flows to the connected
set, so the specifications of the connected set should be noted carefully before starting use.
Note also that only one load can be connected when the output coupling capacitor is omitted.
Fig.11 Example of Screen with Obvious Sag (H-bar Signal)
7
OUT
470μF
75Ω
75Ω
470μF
75Ω
75Ω
monitor
monitor
7
OUT
(470×2)μF
75Ω
75Ω
75Ω
75Ω
monitor
monitor
Fig. 12 (a) Application Circuit Example 1 (Two Drives)
Fig. 12 (b) Application Circuit Example 2 (Two Drives)
7
OUT
75Ω
75Ω
monitor
BH76330FV
Fig.13 Application Example without Output Coupling Capacitor
Voltage at output ≒0.16V
02V
When this voltage load resistance is applied,
a direct current is generated.


Similar Part No. - BH76332FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7634AS ROHM-BH7634AS Datasheet
245Kb / 12P
   Audio / video switch for CANAL - Plus decoder
logo
List of Unclassifed Man...
BH7636S ETC-BH7636S Datasheet
252Kb / 2P
   Video Switch for Canal
More results

Similar Description - BH76332FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7612F ROHM-BA7612F Datasheet
151Kb / 5P
   Single Output Video Drivers with built-in input Selector
BA7613F ROHM-BA7613F Datasheet
134Kb / 5P
   Single Output Video Drivers with built-in Input Selector
BA7654F ROHM-BA7654F_1 Datasheet
156Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76812FVM ROHM-BH76812FVM Datasheet
144Kb / 6P
   Low voltage operation video driver with LPF
BH76816FVM ROHM-BH76816FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com