Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H56RF-WC Datasheet(PDF) 10 Page - Rohm

Part # BR93H56RF-WC
Description  High Reliability Series EEPROMs Microwire BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H56RF-WC Datasheet(HTML) 10 Page - Rohm

Back Button BR93H56RF-WC Datasheet HTML 6Page - Rohm BR93H56RF-WC Datasheet HTML 7Page - Rohm BR93H56RF-WC Datasheet HTML 8Page - Rohm BR93H56RF-WC Datasheet HTML 9Page - Rohm BR93H56RF-WC Datasheet HTML 10Page - Rohm BR93H56RF-WC Datasheet HTML 11Page - Rohm BR93H56RF-WC Datasheet HTML 12Page - Rohm BR93H56RF-WC Datasheet HTML 13Page - Rohm BR93H56RF-WC Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
10/40
www.rohm.com
2009.12 - Rev.E
© 2009 ROHM Co., Ltd. All rights reserved.
Block diagram
Pin assignment and function
Fig.57 Block diagram
Fig.58 Pin assignment diagram
BR93LXXF-W/AXXF-WM:SOP8
BR93LXXFJ-W/AXXFJ-WM:SOP-J8
BR93LXXFV-W:SSOP-B8*
BR93LXXFVT-W:TSSOP-B8*
NC
GND
DO
DI
NC
Vcc
CS
SK
BR93LXXRF-W/AXXRF-WM:SOP8
BR93LXXRFJ-W/AXXRFJ-WM:SOP-J8
BR93LXXRFV-W:SSOP-B8
BR93LXXRFVT-W:TSSOP-B8
BR93LXXRFVM-W/AXXRFVM-WM:MSOP8
BR93LXXRFVJ-W:TSSOP-B8J
Vcc
NC
NC
GND
CS
SK
DI
DO
Command decode
Control
Clock generation
Power source voltage detection
Write
prohibition
High voltage occurrence
Command
register
Address
buffer
SK
DI
Dummy bit
DO
Data
register
R/W
amplifier
6bit
7bit
8bit
9bit
10bit
6bit
7bit
8bit
9bit
10bit
16bit
16bit
1,024 bit
2,048 bit
4,096 bit
8,192 bit
16,384 bit
EEPROM
CS
Address
decoder
Pin name
I / O
Function
VCC
-
Power source
GND
-
All input / output reference voltage, 0V
CS
Input
Chip select input
SK
Input
Serial clock input
DI
Input
Start bit, ope code, address, and serial data input
DO
Output
Serial data output, READY / BUSY internal condition display output
NC
-
Non connected terminal, Vcc, GND or OPEN
*BR93L46/56/66-W


Similar Part No. - BR93H56RF-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-W ROHM-BR93H56RF-W Datasheet
257Kb / 6P
   Microwire Bus 2Kbit (128 x 16bit) EEPROM
BR93H56RF-WE2 ROHM-BR93H56RF-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93H56RF-WE2 ROHM-BR93H56RF-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results

Similar Description - BR93H56RF-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com