Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR93H56RF-WC Datasheet(PDF) 8 Page - Rohm

Part # BR93H56RF-WC
Description  High Reliability Series EEPROMs Microwire BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H56RF-WC Datasheet(HTML) 8 Page - Rohm

Back Button BR93H56RF-WC Datasheet HTML 4Page - Rohm BR93H56RF-WC Datasheet HTML 5Page - Rohm BR93H56RF-WC Datasheet HTML 6Page - Rohm BR93H56RF-WC Datasheet HTML 7Page - Rohm BR93H56RF-WC Datasheet HTML 8Page - Rohm BR93H56RF-WC Datasheet HTML 9Page - Rohm BR93H56RF-WC Datasheet HTML 10Page - Rohm BR93H56RF-WC Datasheet HTML 11Page - Rohm BR93H56RF-WC Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
8/40
www.rohm.com
2009.12 - Rev.E
© 2009 ROHM Co., Ltd. All rights reserved.
BR93A□□-WM Characteristic data (The following characteristic data are Typ. values.)
Fig.35 L output voltage VOL-IOL(Vcc=4.0V)
Fig.36 H output voltage VOH-IOH(Vcc=2.5V)
Fig.37 H output voltage VOH-IOH(Vcc=4.0V)
Fig.32 H output voltage VIH(CS,SK,DI)
Fig.33 H input voltage VIL(CS,SK,DI)
Fig.34 L output voltage VOL-IOL(Vcc=2.5V)
Fig.38 Input leak current ILI(CS,SK,DI)
Fig.39 Output leak current ILO(DO)
Fig.40 Current consumption at WRITE action
Icc1(WRITE, fSK=2MHz)
Fig.41 Consumption current at READ action
Icc2(READ, fSK=2MHz)
Fig.42 Consumption current at WRAL action
Icc3(WRAL, fSK=2MHz)
Fig.43 Consumption current at standby action ISB


Similar Part No. - BR93H56RF-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-W ROHM-BR93H56RF-W Datasheet
257Kb / 6P
   Microwire Bus 2Kbit (128 x 16bit) EEPROM
BR93H56RF-WE2 ROHM-BR93H56RF-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93H56RF-WE2 ROHM-BR93H56RF-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results

Similar Description - BR93H56RF-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com