Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1573KV Datasheet(PDF) 2 Page - Rohm

Part # BU1573KV
Description  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1573KV Datasheet(HTML) 2 Page - Rohm

  BU1573KV Datasheet HTML 1Page - Rohm BU1573KV Datasheet HTML 2Page - Rohm BU1573KV Datasheet HTML 3Page - Rohm BU1573KV Datasheet HTML 4Page - Rohm BU1573KV Datasheet HTML 5Page - Rohm BU1573KV Datasheet HTML 6Page - Rohm BU1573KV Datasheet HTML 7Page - Rohm BU1573KV Datasheet HTML 8Page - Rohm BU1573KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
2/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Electric characteristics
(Unless otherwise specified, VDD=1.50V,VDDIO=2.85V,GND=0.0V,Ta=25℃,fIN=36.0MHz) *1
Parameter
Symbol
Limits
Unit
Condition
MIN.
TYP.
MAX.
Input frequency
IN
-
-
36.0
MHz
DCKI (DUTY45%~55%) *2
Operating consumption current
IDD1
-
24
-
mA
At enhance mode setting (36MHz)
Static consumption current
IDDst
-
-
30
μA
At sleep mode setting, input terminal=GND setting
Input ”H” current
IIH
-10
-
10
μA
VIH=VDDIO
Input ”L” current
IIL
-10
-
10
μA
VIL=GND
Input ”H” voltage 1
VIH1
VDDIO
0.8
-
VDDIO
+0.3
V
Normal input (including input mode of I/O terminal)
Input ”L” voltage 1
VIL1
-0.3
-
VDDIO
0.2
V
Normal input (including input mode of I/O terminal)
Input ”H” voltage 2
VIH2
VDDIO
0.85
-
VDDIO
+0.3
V
Hysteresis input *3
(RESETB, DCKI, LCDCSBI/SDA, LCDWRBI/SDC,
LCDRDBI/I2CDEV0)
Input ”L” voltage 2
VIL2
-0.3
-
VDDIO
0.15
V
Hysteresis input *4
(RESETB, DCKI, LCDCSBI/SDA, LCDWRBI/SDC,
LCDRDBI/I2CDEV0)
Hysteresis voltage width
Vhys
-
0.7
-
V
Hysteresis input *5
(RESETB, DCKI, LCDCSBI/SDA, LCDWRBI/SDC,
LCDRDBI/I2CDEV0)
Output ”H” voltage
VOH
VDDIO
-0.4
-
VDDIO
V
IOH=-1.0mA(DC)
(including output mode of I/O terminal)
Output ”L” voltage
VOL
0.0
-
0.4
V
IOL=1.0mA(DC)
(including output mode of I/O terminal)
*1 : VDDIO=3.00V in case of BU1573KV / BU1574KU
*2 : CAMCKI in case of BU1574KU
*3,*4,*5 : It corresponds with RESETB CAMCKI SDA SDC I2CDEV0 for BU1574KU
●Block Diagram
(BU1572GUW/BU1573KV)
(BU1574KU)
●Recommended Application Circuit
(BU1572GUW/BU1573KV)
(BU1574KU)
LCDDI[17:0]
LCDRS0I/
LCDCSBI/
LCDWRBI
LCDVSI/
LCDHSI/
DCKI
LCDDO[17:0]
LCDRS0O/
LCDCSBO/
LCDWRBO
LCD Controller
BU1572GUW/BU1573KV
CPU
SDA/SDC
SDA/SDC
LCDRDBI
D[17:0]
RS/
CSB/
WRB
RDB
LCDVSO/
LCDHSO/
DCKO
LCDRS/
LCDCSB/
LCDWRB
LCDDATA[17:0]
LCDRDB
VSYNC/
HSYNC/
DOTCLOCK
VSYNC/
HSYNC/
CLK
PWMO
LED Driver
PWM IN
LCDDI[17:0]
Color correction
Luminance
distinction
Image enhance
Register
I2C interface
LCDRS0/1I
LCDCSBI
LCDWRBI
LCDRDBI
Timing generator
SDA
SDC
LCDVSI
LCDHSI
VLDI
ENAI
DCKI
MSEL0/1/2
RESETB
LCDDO[17:0]
LCDRS0O
LCDCSBO
LCDWRBO
LCDVSO
LCDHSO
VLDO
ENAO
DCKO
Edge
enhancement
Gamma control
PWMO
PWM control
generation
CAMDI[17:0]
Color correction
Luminance
distinction
Image enhance
Register
I2C interface
Timing generator
SDA
SDC
CAMVSI
CAMHSI
CAMCKI
MSEL0/1/2
RESETB
CAMDO[17:0]
CAMVSO
CAMHSO
CAMCKO
PWMO
Edge
enhancement
Gamma control
PWM control
generation
SDC
CAMHSI
CAMVSI
CAMCKI
Image
Processing
IC
CAMDI[7:0]
SDA
Camera
Module
BU1574KU
CAMDO[7:0]
CAMHSO
CAMVSO
CAMCKO
CAMDO[7:0]
CAMHSO
CAMVSO
CAMCKO
CAMDI[7:0]
CAMHSI
CAMVSI
CAMCKI


Similar Part No. - BU1573KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
BU1570KN ROHM-BU1570KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN-E2 ROHM-BU1570KN-E2 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

Similar Description - BU1573KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com