Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2331 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2331 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
5
Test Conditions:
AVDD = DVDD = 3.0V, fCLK = 30MHz, 50% duty cycle, MODE = AVDD, REFTS = 2.5V, REFBS = 0.5V, PGA gain = 1.0,
TA = TMIN to TMAX, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Inputs / Outputs in Top/Bottom Mode (MODE=AVDD)
Bottom reference voltage
applied to REFBS
0
AVDD - 1
V
Top reference voltage applied to
REFTS
1
AVDD
V
Differential reference input
(REFTS – REFBS)
VTB
12
V
Reference input common mode
(REFTS + REFBS) / 2
VCMTB
0.5
AVDD - 0.5
V
Switched input capacitance on
REFBS
0.6
pF
Switched input capacitance on
REFTS
0.6
pF
REFBF output voltage
(AVDD -
VTB)/2
V
REFTF output voltage
(AVDD +
VTB)/2
V
Analogue Reference Inputs / Outputs in Centre-Span Mode (MODE=AVDD/2)
Reference voltage derived or
applied to VREF
12
V
REFBF output voltage
(AVDD -
VREF)/2
V
REFTF output voltage
(AVDD +
VREF)/2
V
Non-AIN side of differential input
applied to REFTS and REFBS
VCMCS
(Note 2)
0.5
AVDD - 0.5
V
Analogue Reference Inputs / Outputs in Full External Reference Mode (MODE=AGND) (Note 3)
Differential reference voltage
applied (REFTF – REFBF)
12
V
AVDD = 3.0V
1.3
1.5
1.7
V
Reference input common mode
(REFTF + REFBF) / 2
AVDD = 5.0V
2.0
2.5
3.0
V
Reference input resistance
680
VREF Input / Output specifications
Internal 1V reference to VREF
REFSENSE = VREF
0.95
1.0
1.05
V
Internal 2V reference to VREF
REFSENSE = AGND
1.9
2.0
2.1
V
External reference applied to
VREF pin in centre-span mode
REFSENSE = AVDD,
MODE = AVDD / 2
12
V
Input impedance in centre-span
mode
REFSENSE = AVDD,
MODE = AVDD / 2
18
k


Similar Part No. - WM2331

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM2331 MOLEX11-WM2331 Datasheet
76Kb / 1P
   SPOX 7.92 / 3.96 REC HSG
More results

Similar Description - WM2331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670 MAXIM-MAXQ7670_09 Datasheet
440Kb / 38P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 1; 7/09
logo
Texas Instruments
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Maxim Integrated Produc...
MAX1172 MAXIM-MAX1172 Datasheet
84Kb / 12P
   12-Bit, 30Msps, TTL-Output ADC
19-1134; Rev 0; 10/96
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com