Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7262FVM Datasheet(PDF) 7 Page - Rohm

Part # BU7262FVM
Description  Low Voltage Operation CMOS Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7262FVM Datasheet(HTML) 7 Page - Rohm

Back Button BU7262FVM Datasheet HTML 3Page - Rohm BU7262FVM Datasheet HTML 4Page - Rohm BU7262FVM Datasheet HTML 5Page - Rohm BU7262FVM Datasheet HTML 6Page - Rohm BU7262FVM Datasheet HTML 7Page - Rohm BU7262FVM Datasheet HTML 8Page - Rohm BU7262FVM Datasheet HTML 9Page - Rohm BU7262FVM Datasheet HTML 10Page - Rohm BU7262FVM Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
BU7261G,BU7261SG,BU7241G,BU7241SG,BU7262F/FVM,BU7262SF/FVM,BU7242F/FVM,BU7242SF/FVM
BU7461G,BU7461SG,BU7441G,BU7441SG,BU7462F/FVM,BU7462SF/FVM,BU7442F/FVM,BU7442SF/FVM
Technical Note
7/32
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Example of electrical characteristics
BU7261 family
(*) The above data is ability value of sample, it is not guaranteed. BU7261G:-40[℃]~+85[℃] BU7261SG:-40[℃]~+105[℃]
0
10
20
30
40
50
00.511.52
2.53
OUTPUT VOLTAGE [V]
0
200
400
600
800
1000
1
23456
SUPPLY VOLTAGE [V]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [℃]
0
2
4
6
12
3
45
6
SUPPLY VOLTAGE [V]
0
5
10
15
20
25
123
456
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BU7261 family
105℃
0
10
20
30
40
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7261 family
-40℃
25℃
85℃
105℃
BU7261 family
0
200
400
600
800
1000
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7261 family
-40℃
25℃
85℃
105℃
BU7261 family
0
2
4
6
8
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7261 family
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7261 family
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7261 family
BU7261G
85
BU7261 family
105
BU7261 family
BU7261SG
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7261 family
-40℃
25℃
85℃
105℃
BU7261 family
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Output Voltage High – Supply Voltage
(RL=10[kΩ])
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
Output Sink Current – Output Voltage
(VDD=3[V])
Derating curve
Derating curve
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
Output Source Current – Output Voltage
(VDD=3.0[V])
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12


Similar Part No. - BU7262FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7262FVM ROHM-BU7262FVM Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7262FVM ROHM-BU7262FVM Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262FVM ROHM-BU7262FVM Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7262FVM-TR ROHM-BU7262FVM-TR Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262FVM-TR ROHM-BU7262FVM-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7262FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com