Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7242SFVM Datasheet(PDF) 10 Page - Rohm

Part # BU7242SFVM
Description  Low Voltage Operation CMOS Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7242SFVM Datasheet(HTML) 10 Page - Rohm

Back Button BU7242SFVM Datasheet HTML 6Page - Rohm BU7242SFVM Datasheet HTML 7Page - Rohm BU7242SFVM Datasheet HTML 8Page - Rohm BU7242SFVM Datasheet HTML 9Page - Rohm BU7242SFVM Datasheet HTML 10Page - Rohm BU7242SFVM Datasheet HTML 11Page - Rohm BU7242SFVM Datasheet HTML 12Page - Rohm BU7242SFVM Datasheet HTML 13Page - Rohm BU7242SFVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
BU7261G,BU7261SG,BU7241G,BU7241SG,BU7262F/FVM,BU7262SF/FVM,BU7242F/FVM,BU7242SF/FVM
BU7461G,BU7461SG,BU7441G,BU7441SG,BU7462F/FVM,BU7462SF/FVM,BU7442F/FVM,BU7442SF/FVM
Technical Note
10/32
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU7262 family
(*) The above data is ability value of sample, it is not guaranteed. BU7262 F/FVM:-40[℃]~+85[℃] BU7262S F/FVM:-40[℃]~+105[℃]
60
80
100
120
140
160
12
345
6
SUPPLY VOLTAGE [V]
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
123
45
6
SUPPLY VOLTAGE[V]
Input Offset Voltage – Supply Voltage
(Vicm=VDD, VOUT=1.5[V])
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
-15
-10
-5
0
5
10
15
-1
01
234
INPUT VOLTAGE [V]
BU7262 family
5.5V
1.8V
3.0V
BU7262 family
0.0
0.5
1.0
1.5
2.0
2.5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7262 family
0
20
40
60
80
100
1.E+00
1.E+02
1.E+04
1.E+06
1.E+08
FREQUENCY [Hz]
0
50
100
150
200
Phase
Gain
BU7262 family
-40℃
25℃
85℃
105℃
BU7262 family
60
80
100
120
140
160
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7262 family
BU7262 family
-40℃
25℃
85℃ 105℃
0
20
40
60
80
100
120
123
456
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7262 family
-40℃
25℃
85℃
105℃
BU7262 family
BU7262 family
5.5V
1.8V
3.0V
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7262 family
Common Mode Rejection Ratio
– Supply Voltage
Large Signal Voltage Gain
– Supply Voltage
Power Supply Rejection Ratio
– Ambient Temperature
Common Mode Rejection Ratio
– Ambient Temperature
Slew Rate L-H – Ambient Temperature
Slew Rate H-L – Ambient Temperature
Gain - Frequency
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, VOUT=1.5[V])
Input Offset Voltage – Input Voltage
(VDD=3[V])
Large Signal Voltage Gain
– Ambient Temperature
Fig. 36
Fig. 37
Fig. 38
Fig. 39
Fig. 40
Fig. 41
Fig. 42
Fig. 43
Fig. 44
Fig. 45
Fig. 46


Similar Part No. - BU7242SFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242SFVM ROHM-BU7242SFVM Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7242SFVM-TR ROHM-BU7242SFVM-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7242SFVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Renesas Technology Corp
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com