Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD10197TXV Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD10197TXV
Description  35 Amp FAST RECOVERY RECTIFIER 800 - 1400 Volt 250 nsec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD10197TXV Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD10197TXV Datasheet HTML 1Page - Solid States Devices, Inc SPD10197TXV Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0132A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD10
__ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration __ = Normal (Cathode to Stud)
(See Table 1)
R = Reverse (Anode to Stud)
Family/Voltage
192 = 800V
194 = 1000V
195 = 1100V
196 = 1200V
197 = 1300V
198 = 1400V
SPD10192
Thru
SPD10198
35 Amp
FAST RECOVERY
RECTIFIER
800 - 1400 Volt
250 nsec
Features:
Fast Recovery: 250 nsec maximum
PIV to 1400V
Low Reverse Leakage Current
Hermetically Sealed
Single Chip Construction
High Surge Rating
Low Thermal Resistance
Ultra Fast and Hyper Fast Recovery Versions
Available*
For Reverse Polarity Add Suffix “R”
TX, TXV, and S-Level Screening Available
2/
*Contact Factory
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking
Voltage
SPD10192
SPD10194
SPD10195
SPD10196
SPD10197
SPD10198
VRRM
VRWM
VR
800
1000
1100
1200
1300
1400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
35
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
500
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +150
ºC
Maximum Total Thermal Resistance
Junction to Case
RθJC
1.0
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5:


Similar Part No. - SPD10197TXV

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD1001 SSDI-SPD1001 Datasheet
173Kb / 2P
   1 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SPD1002 SSDI-SPD1002 Datasheet
30Kb / 2P
   2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD1002SMS SSDI-SPD1002SMS Datasheet
30Kb / 2P
   2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD1002SMS SSDI-SPD1002SMS Datasheet
108Kb / 2P
   SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
SPD100G ETC1-SPD100G Datasheet
51Kb / 4P
   Smartec Pressure Sensor
More results

Similar Description - SPD10197TXV

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3KHF SSDI-SDR3KHF Datasheet
31Kb / 2P
   3 AMP 800 - 1200 V 35 nsec Hyper Fast Rectifier
SDR1183 SSDI-SDR1183 Datasheet
97Kb / 2P
   35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER
SPD4963-1 SSDI-SPD4963-1 Datasheet
131Kb / 2P
   1 AMP 550 - 800 VOLTS 130 nsec FAST RECOVERY RECTIFIER
SPD3899 SSDI-SPD3899 Datasheet
75Kb / 2P
   20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
   50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
   9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CPD24-CMR1F-08M CENTRAL-CPD24-CMR1F-08M Datasheet
955Kb / 4P
   Fast Rectifier Die 1.0 Amp, 800 Volt
R1 26-March 2019
logo
Solid States Devices, I...
SDR958 SSDI-SDR958_1 Datasheet
106Kb / 3P
   50 AMP 800 -1200 Volts 100 nsec Ultrafast Recovery Rectifier
logo
Fuji Electric
RKBPC35005 FUJI-RKBPC35005 Datasheet
866Kb / 1P
   35 AMP FAST RECOVERY BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com