Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2619 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2619
Description  12-bit Parallel Input Voltage Output DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2619 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2619 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2619 Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WM2619
12-bit Parallel Input Voltage Output DAC
Production Data, June 1999, Rev 1.0
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data Datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and conditions.
Masterrev1.0a.doc June 17, 1999 10:52
©1999 Wolfson Microelectronics Ltd
.
FEATURES
12-bit voltage output DAC
Single supply 2.7V to 5.5V operation
DNL ±0.4 LSB, INL ±1.5 LSB
Settling time 1µs typical
Low power consumption
-
8mW typical in slow mode - 5V supply
-
4.3mW typical in fast mode - 3V supply
Power down mode
APPLICATIONS
Battery powered test instruments
Digital offset and gain adjustment
Battery operated/remote industrial controls
Machine and motion control devices
Wireless telephone and communication systems
Speech synthesis
Arbitrary waveform generation
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2619CDT
0° to 70°C
20-pin TSSOP
WM2619IDT
-40° to 85°C
20-pin TSSOP
DESCRIPTION
The WM2619 is a 12-bit voltage output, resistor string, digital-to-
analogue converter. A hardware controlled power down mode is
provided that reduces power consumption to 50nW. In normal
operation the device dissipates 8mW at 5V or 4.3mW at 3V.
The device has been designed to interface efficiently to industry
standard microprocessors and DSPs.
Excellent performance is delivered with a typical DNL of 0.4 LSBs
and a settling time of 1
µs. The output stage is buffered by a x2
gain near rail-to-rail amplifier, which features a Class A output
stage. The 12 data bits are double-buffered enabling the output to
be asynchronously updated under hardware control.
The device is available in a 20-pin TSSOP package. Commercial
temperature (0° to 70°C) and Industrial temperature (-40° to 85°C)
variants are supported.
BLOCK DIAGRAM
TYPICAL PERFORMANCE
data
(13) OUT
REFIN(12)
POWER-ON
RESET
D[0-11]
(19,20, 1-10)
NWE (17)
(14)
GND
VDD
(11)
POWERDOWN
CONTROL
REFERENCE
INPUT BUFFER
WM2619
X1
X2
DAC
OUTPUT
BUFFER
NCS (18)
12-BIT
DAC
LATCH
12-BIT
INPUT
REGISTER
(15)
NPD
(16)
NLDAC
VDD = 5V, V
REF = 2.048V, Load = 10k/100pF
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2559
3071
3583
4095
DIGITAL CODE


Similar Part No. - WM2619

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610CDT WOLFSON-WM2610CDT Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2610IDT WOLFSON-WM2610IDT Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
WM2613CDT WOLFSON-WM2613CDT Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
More results

Similar Description - WM2619

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2613 WOLFSON-WM2613 Datasheet
136Kb / 11P
   Byte-wide Parallel Input, 12-bit Voltage Output DAC
logo
Maxim Integrated Produc...
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2639 WOLFSON-WM2639 Datasheet
342Kb / 10P
   12-Bit Parallel Input Voltage Output DAC with Internal Reference
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com