Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU16006KV Datasheet(PDF) 10 Page - Rohm

Part # BU16006KV
Description  3 for input 1 output switch with Termination sense correspondence
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16006KV Datasheet(HTML) 10 Page - Rohm

Back Button BU16006KV Datasheet HTML 6Page - Rohm BU16006KV Datasheet HTML 7Page - Rohm BU16006KV Datasheet HTML 8Page - Rohm BU16006KV Datasheet HTML 9Page - Rohm BU16006KV Datasheet HTML 10Page - Rohm BU16006KV Datasheet HTML 11Page - Rohm BU16006KV Datasheet HTML 12Page - Rohm BU16006KV Datasheet HTML 13Page - Rohm BU16006KV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical Note
10/19
BU16018KV
www.rohm.com
2009.05 - Rev.D
© 2009 ROHM Co., Ltd. All rights reserved.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
(1)
MAX.
DDC Input and output
Tx : SCL_SINK , SDA_SINK
IlkT
Input leak current
VI = 5.5V
-10
-
10
uA
IlkT
Input leak current
VI = VCC
-10
-
10
uA
IOHT
High-level output current
VO = 3.6V
-10
-
10
uA
IILT
Low-level input current
VI L = GND
-10
-
10
uA
VOLT
Low-level output voltage
RL= 4.7k
0.43
0.5
0.57
V
VOLT - VIL
Low-level input voltage below
output low-level voltage
20
100
190
mV
VOLT
Low-level
output voltage
RL=4.7kΩ
0.43
0.5
0.57
V
VOLT-VIL
Low-level input voltage below
output low-level voltage
20
100
190
mV
Rx : SCLn , SDAn
( n = 1, 2, 3 )
IlkR
Input leak current
VI = 5.5V
-10
-
10
uA
IlkR
Input leak current
VI = VCC
-10
-
10
uA
IOHR
High-level output current
VO = 3.6V
-10
-
10
uA
IILR
Low-level input current
VIL = GND
-10
-
10
uA
VOLR
Low-level output voltage
IOUT = 4mA
-
-
0.2
V
CONTROL PINS (PRE, S1, S2, S3, OE
_____
)
IIH
High–level digital input current
VIH = VCC
-10
-
10
uA
IIL
Low–level digital input current
VIL = GND
-10
-
10
uA
STATUS PINS (HPD_SINK)
IIH
High–level digital input current
VIH = 5.5V
10
50
100
uA
VIH = VCC
5
30
80
uA
IIL
Low–level digital input current
VIL = GND
-10
-
10
uA
STATUS PINS (HPD1, 2, 3)
VOH(TTL)
TTL High–level output voltage
IOH = - 8mA
2.4
-
Vcc
V
VOL(TTL)
TTL Low–level output voltage
IOL = 8mA
0
-
0.4
V
SYMBOL


Similar Part No. - BU16006KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16006KV ROHM-BU16006KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16006KV ROHM-BU16006KV Datasheet
557Kb / 20P
   HDMI Switch ICs
BU16006KV-E2 ROHM-BU16006KV-E2 Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Similar Description - BU16006KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Adels-Contact
979V43T5 ADELS-979V43T5 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T3 ADELS-979V43T3 Datasheet
124Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
979V43T2 ADELS-979V43T2 Datasheet
123Kb / 1P
   Switch Distributor, 1 Input/3 Output Terminals
12/11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com