Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2623ID Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2623ID
Description  Low Power 8-bit Serial Input DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2623ID Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2623ID Datasheet HTML 2Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 3Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 4Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 5Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 6Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 7Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 8Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 9Page - Wolfson Microelectronics plc WM2623ID Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
WM2623
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 October 2000
10
PACKAGE DIMENSIONS
DM009.B
D: 8 PIN SOIC 3.9mm Wide Body
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MINMAX
MINMAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
e
1.27 BSC
0.050 BSC
E
3.80
4.00
0.1497
0.1574
h
0.25
0.50
0.0099
0.0196
H
5.80
6.20
0.2284
0.2440
L
0.40
1.27
0.0160
0.0500
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
C
h x 45o
α
L
A
A1
SEATING PLANE
-C-
0.10 (0.004)
4
1
D
5
8
E
H
B
e


Similar Part No. - WM2623ID

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
WM2625CD WOLFSON-WM2625CD Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
WM2625ID WOLFSON-WM2625ID Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
   Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2626CD WOLFSON-WM2626CD Datasheet
109Kb / 11P
   Low Power Dual 8-bit Serial Input DAC with Internal Reference
More results

Similar Description - WM2623ID

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2625 WOLFSON-WM2625 Datasheet
101Kb / 9P
   Low Power Dual 8-bit Serial Input DAC
WM2626 WOLFSON-WM2626 Datasheet
109Kb / 11P
   Low Power Dual 8-bit Serial Input DAC with Internal Reference
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
Analog Devices
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
   Serial Input 12 Bit DAC
REV. B
logo
Wolfson Microelectronic...
WM2629 WOLFSON-WM2629 Datasheet
119Kb / 13P
   Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com