Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21009MUV Datasheet(PDF) 10 Page - Rohm

Part # BU21009MUV
Description  Capacitive Sensor Switch Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21009MUV Datasheet(HTML) 10 Page - Rohm

Back Button BU21009MUV Datasheet HTML 6Page - Rohm BU21009MUV Datasheet HTML 7Page - Rohm BU21009MUV Datasheet HTML 8Page - Rohm BU21009MUV Datasheet HTML 9Page - Rohm BU21009MUV Datasheet HTML 10Page - Rohm BU21009MUV Datasheet HTML 11Page - Rohm BU21009MUV Datasheet HTML 12Page - Rohm BU21009MUV Datasheet HTML 13Page - Rohm BU21009MUV Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BU21009MUV
Technical Note
10/13
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
F3h / F4h : Idle Exit Condition】
Name:
IDLE_CH
Address:
F3h / F4h
Description:
Defines which channels cause the device to wake up – i.e.
go from idle mode to normal operation on a key press. Selection is made on a per channel basis.
1:Effective 0:Not used
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
F3h
SIN7
SIN6
SIN5
SIN4
SIN3
SIN2
SIN1
SIN0
F4h
SIN15
SIN14
SIN13
SIN12
SIN11
SIN10
SIN9
SIN8
R/W
W
W
W
W
W
W
W
W
Initial val.
1
1
1
1
1
1
1
1
F5h : LED to Sensor Linkage】
Name:
LED_LINK
Address:
F5h
Description: Allows the LED outputs to be automatically linked to the input channels without need for any software control.
1 : It synchronizes with the button. 0 : It synchronizes with data (The register name: DLED) from host.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
F5h
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
R/W
W
W
W
W
W
W
W
W
Initial val.
1
1
1
1
1
1
1
1
F6h : Sampling Interval】
Name:
TIMES
Address:
F6h
Description: Defines the sampling interval.
SAMP[1:0] : Sampling Interval :
Given by the following equation :
Sampling interval = system clock x 2
13 x SAMP (Example: system clock 1[MHz] time : About 8.2[msec]).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
F6h
-
-
-
-
-
-
SAMP[1]
SAMP[0]
R/W
-
-
-
-
-
-
W
W
Initial val.
-
-
-
-
-
-
0
0
F7h : Button OFF→ON Threshold】
Name:
TH_ON2
Address:
F7h
Description: A second threshold value for determining a button off→on judgment of sensor.
The sensor output value of 8bit (register SENS_DATA) is compared with 128+ ON2 [6:0],
and if it is larger, the button is determined active.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
F7h
-
ON2[6]
ON2[5]
ON2[4]
ON2[3]
ON2[2]
ON2[1]
ON2[0]
R/W
-
W
W
W
W
W
W
W
Initial val.
-
0
0
1
0
0
0
0
F8h / F9h : Button OFF→ON Threshold Selection】
Name:
TH_ON2_CH
Address:
F8h / F9h
Description: This register is used to relate either threshold TH_ON or TH_ON2 to particular sensor channels
for button press activity determination.
1 : TH_ON2 is applied 0 :TH_ON is applied
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
F8h
SIN7
SIN6
SIN5
SIN4
SIN3
SIN2
SIN1
SIN0
F9h
SIN15
SIN14
SIN13
SIN12
SIN11
SIN10
SIN9
SIN8
R/W
W
W
W
W
W
W
W
W
Initial val.
0
0
0
0
0
0
0
0


Similar Part No. - BU21009MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
More results

Similar Description - BU21009MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
   Capacitive Sensor Signal Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com