Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU32TA2WNVX-TR Datasheet(PDF) 5 Page - Rohm

Part # BU32TA2WNVX-TR
Description  High-speed Load Response FULL CMOS LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU32TA2WNVX-TR Datasheet(HTML) 5 Page - Rohm

  BU32TA2WNVX-TR Datasheet HTML 1Page - Rohm BU32TA2WNVX-TR Datasheet HTML 2Page - Rohm BU32TA2WNVX-TR Datasheet HTML 3Page - Rohm BU32TA2WNVX-TR Datasheet HTML 4Page - Rohm BU32TA2WNVX-TR Datasheet HTML 5Page - Rohm BU32TA2WNVX-TR Datasheet HTML 6Page - Rohm BU32TA2WNVX-TR Datasheet HTML 7Page - Rohm BU32TA2WNVX-TR Datasheet HTML 8Page - Rohm BU32TA2WNVX-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Technical Note
5/27
BU
TA2WNVX Series, BUTA2WHFV Series
www.rohm.com
2009.05 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Fig. 5 Output Voltage
Fig. 6 Line Regulation
Fig. 14 VOUT vs. Temp
 Reference data
BU15TA2WNVX / HFV (Ta=25ºC unless otherwise specified.)
Fig. 7 Circuit Current IGND
Fig. 8 Circuit Current IGND
Fig. 9 STBY Input Current
Fig. 10 IOUT - IGND
Fig. 16 IGND vs. Temp (STBY)
Fig. 15 IGND vs. Temp
Fig. 11 Load Regulation
Fig. 13 STBY Threshold
Fig. 12 OCP Threshold
0.0
0.3
0.6
0.9
1.2
1.5
1.8
00.511.52
2.533.544.555.5
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp=25°C
VIN = STBY
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
1.25 1.35 1.45
1.55 1.65 1.75 1.85 1.95
2.05 2.15 2.25
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp=25°C
VIN = STBY
0
20
40
60
80
100
00.51
1.522.533.54
4.555.5
Vin Voltage (V)
Temp=-40°C
Temp=25°C
Temp=85°C
IO=0uA
VIN = STBY
0
20
40
60
80
100
120
140
00.51
1.522.533.54
4.555.5
Vin Voltage (V)
IO=200mA
VIN = STBY
Temp=-40°C
Temp=25°C
Temp=85°C
0
2
4
6
8
10
0
0.51
1.522.533.5
4
4.555.5
STBY Voltage (V)
VIN = STBY
Temp=85°C
Temp=25°C
Temp=-40°C
40
50
60
70
80
90
100
110
120
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN = 3.5V
STBY = 1.5V
Temp=85°C
Temp=25°C
Temp=-40°C
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN = 3.5V
STBY = 1.5V
Temp=-40°C
Temp=25°C
Temp=85°C
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Output Current (A)
VIN=5.5V
Temp=25°C
STBY = 1.5V
VIN=3.5V
VIN=2.5V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
0.5
1
1.5
STBY Voltage (V)
Temp=85°C
Temp=25°C
Temp=-40°C
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
-40
-15
10
35
60
85
Temp (°C)
VIN=3.5V
STBY=1.5V
Io=0.1mA
0.00
10.00
20.00
30.00
40.00
50.00
-40
-15
10
35
60
85
Temp (°C)
VIN=3.5V
STBY=1.5V
Io=0mA
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
-40
-15
10
35
60
85
Temp (°C)
VIN=3.5V
STBY=0V


Similar Part No. - BU32TA2WNVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU32TA2WNVX ROHM-BU32TA2WNVX Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU32TA2WNVX-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com