Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6K6 Datasheet(PDF) 1 Page - Rohm

Part # EM6K6
Description  1.8V Drive NchNch MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EM6K6 Datasheet(HTML) 1 Page - Rohm

  EM6K6 Datasheet HTML 1Page - Rohm EM6K6 Datasheet HTML 2Page - Rohm EM6K6 Datasheet HTML 3Page - Rohm EM6K6 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EM6K6
Transistor
1/3
1.8V Drive Nch+Nch MOSFET
EM6K6
Structure
Dimensions (Unit : mm)
Silicon N-channel
MOSFET
Applications
Switching
Features
1) The MOSFET elements are independent,
eliminating mutual interference.
2) Mounting cost and area can be cut in half.
3) Low on-resistance.
4) Low voltage drive (1.8V) makes this device ideal for
portable equipment.
Packaging specifications
Equivalent circuit
T2R
8000
EM6K6
Type
Package
Code
Basic ordering unit
(pieces)
Taping
Absolute maximum ratings (Ta=25
°C)
<It is the same ratings for the Tr1 and Tr2>
Parameter
V
V
mA
mW / TOTAL
°C
mA
°C
VDSS
VGSS
PD
Tch
ID
IDP
Tstg
Symbol
20
±8
±300
±600
150
mW / ELEMENT
120
150
−55 to +150
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Each terminal mounted on a recommended land.
Drain
−source voltage
Gate
−source voltage
Drain current
Total power dissipation
Channel temperature
Storage temperature
Continuous
Pulsed
∗1
∗2
Thermal resistance
Parameter
°C/W / TOTAL
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
833
°C/W / ELEMENT
1042
∗ Each terminal mounted on a recommended land
Abbreviated symbol : K06
EMT6
Each lead has same dimensions
(1)
Gate
Protection
Diode
Tr1
Tr2
Gate
Protection
Diode
∗ A protection diode has been built in between the gate and
the source to protect against static electricity when the product
is in use. Use the protection circuit when rated voltages are exceeded.
(1)Tr1 Source
(2)Tr1 Gate
(3)Tr2 Drain
(4)Tr2 Source
(5)Tr2 Gate
(6)Tr1 Drain
(2)
(3)
(4)
(5)
(6)


Similar Part No. - EM6K6

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K6 ROHM-EM6K6 Datasheet
87Kb / 4P
   1.8V Drive NchNch MOSFET
EM6K6T2R ROHM-EM6K6T2R Datasheet
87Kb / 4P
   1.8V Drive NchNch MOSFET
More results

Similar Description - EM6K6

ManufacturerPart #DatasheetDescription
logo
Rohm
US6K4 ROHM-US6K4 Datasheet
96Kb / 4P
   1.8V Drive NchNch MOSFET
US6K4TR ROHM-US6K4TR Datasheet
77Kb / 4P
   1.8V Drive NchNch MOSFET
EM6K6T2R ROHM-EM6K6T2R Datasheet
87Kb / 4P
   1.8V Drive NchNch MOSFET
RUF015N02 ROHM-RUF015N02 Datasheet
114Kb / 4P
   1.8V Drive Nch MOSFET
RUM003N02 ROHM-RUM003N02_1 Datasheet
106Kb / 4P
   1.8V Drive Nch MOSFET
RUE003N02 ROHM-RUE003N02_11 Datasheet
941Kb / 4P
   1.8V Drive Nch MOSFET
RUE003N02 ROHM-RUE003N02_1 Datasheet
107Kb / 4P
   1.8V Drive Nch MOSFET
QS5U34 ROHM-QS5U34 Datasheet
88Kb / 5P
   1.8V Drive NchSBD MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com