Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3154AE3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N3154AE3
Description  8.4 Volt Temperature Compensated Zener Reference Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3154AE3 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3154AE3 Datasheet HTML 1Page - Microsemi Corporation 1N3154AE3 Datasheet HTML 2Page - Microsemi Corporation 1N3154AE3 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8.4 Volt Temperature Compensated Zener
Reference Diodes
S C O T TS DALE DIVISION
1N3154 thru 1N3157, A, -1, e3
DESCRIPTION
APPEARANCE
The popular 1N3154 thru 1N3157A series of Zero-TC Reference Diodes
provides a selection of 8.4 V nominal voltages and temperature coefficients to
as low as 0.001 %/
oC for minimal voltage change with temperature when
operated at 10.0 mA. These glass axial-leaded DO-7 reference diodes are
also available in JAN, JANTX, and JANTXV military qualifications. As a further
option for commercial product, they are available as RoHS Compliant with an
e3 suffix added to the part number. Microsemi also offers numerous other
Zener Reference Diode products for a variety of other voltages from 6.2 V to
200 V.
DO-7
(DO-204AA)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N3154 thru 1N3157A series
• Standard reference voltage of 8.4V +/- 5% with tighter
tolerances available
• 1N3154, 3155, 3156, and 3157 also have military
qualification to MIL-PRF-19500/158 up to the
JANTXV level by adding JAN, JANTX, or JANTXV
prefixes to part numbers as well as “-1” suffix, e.g.
JANTX1N3157-1, etc.
• Internal metallurgical bonds
• JANS Equivalent available via SCD
• Radiation Hardened devices available by changing
1N prefix to RH, e.g. RH3156, RH3157, RH3157A,
etc. Also consult factory for “RH” data sheet
brochure
• RoHS Compliant devices available by adding an “e3”
suffix (not applicable to military)
• Provides minimal voltage changes over a broad
temperature range
• For instrumentation and other circuit designs
requiring a stable voltage reference
• Maximum temperature coefficient selections
available from 0.01%/ºC to 0.001%/ºC
• Tight reference voltage tolerances at the 8.4 V
nominal is available by adding tolerance 1%, 2%,
3%, etc. after the part number for identification e.g.
1N3156-2%, 1N3157A-1%, 1N3157-1-1%, etc.
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating & StorageTemperature: -65oC to +175oC
• DC Power Dissipation: 500 mW @ T
L = 25
oC and
maximum current IZM of 55 mA. NOTE: For optimum
voltage-temperature stability, IZ = 10.0 mA (less than
90 mW in dissipated power)
• Solder temperatures: 260 oC for 10 s (maximum)
• CASE: Hermetically sealed glass case with DO-7
(DO-204AA) package
• TERMINALS: Tin-Lead (military) or RoHS Compliant
annealed matte-Tin plating solderable per MIL-STD-
750, Method 2026
• MARKING: Part number and cathode band
• POLARITY: Reference diode to be operated with the
banded end positive with respect to the opposite end
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 0.2 grams.
• See package dimensions on last page
Microsemi
Scottsdale Division
Page 1
Copyright
© 2005
7-18-2005 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N3154AE3

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3154A CDI-DIODE-1N3154A Datasheet
96Kb / 2P
   8.4 V0LT NOMINAL ZENER VOLTAGE
logo
Microsemi Corporation
1N3154A MICROSEMI-1N3154A Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154A MICROSEMI-1N3154A Datasheet
107Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N3154A NJSEMI-1N3154A Datasheet
109Kb / 1P
   ZENER VOLTAGE 8.4V
logo
Digitron Semiconductors
1N3154A DIGITRON-1N3154A Datasheet
171Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
More results

Similar Description - 1N3154AE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4765 MICROSEMI-1N4765 Datasheet
49Kb / 2P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N935 DIGITRON-1N935 Datasheet
96Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4775 MICROSEMI-1N4775 Datasheet
52Kb / 2P
   8.5 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com