Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG137AL Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG137AL
Description  1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG137AL Datasheet(HTML) 3 Page - Microsemi Corporation

  SG137AL Datasheet HTML 1Page - Microsemi Corporation SG137AL Datasheet HTML 2Page - Microsemi Corporation SG137AL Datasheet HTML 3Page - Microsemi Corporation SG137AL Datasheet HTML 4Page - Microsemi Corporation SG137AL Datasheet HTML 5Page - Microsemi Corporation SG137AL Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SG137A/SG137 SERIES
2/92 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
-1.262
-1.280
0.01
25
0.5
50
1.0
0.02
100
5
2
5
3
3.5
1.5
1.0
0.5
1.5
1.0
-1.250
-1.250
0.01
15
0.3
20
0.3
0.003
60
77
65
2
0.5
2.5
1
2.2
0.8
0.4
0.17
0.6
0.3
0.003
-1.287
-1.300
0.04
50
1.0
70
1.5
0.04
100
5
5
10
6
1.0
Reference Voltage (Note 6)
Line Regulation (Note 4, 6)
Load Regulation (Note 4)
Thermal Regulation (Note 5)
Ripple Rejection
Adjust Pin Current
Adjust Pin Current Change
(Note 6)
Minimum Load Current
Current Limit
Temperature Stability (Note 5)
Long Term Stability (Note 5)
RMS Output Noise (% of V
OUT)
ELECTRICAL CHARACTERISTICS (continued)
Units
SG337
Min. Typ. Max.
Min. Typ. Max.
SG337A
Test Conditions
Parameter
Units
SG137/SG237
Min.
Typ. Max.
Min.
Typ. Max.
SG137A/SG237A
|V
IN - VOUT| ≤ 40V
|V
IN - VOUT| ≤ 10V
|V
IN - VOUT| ≤ 15V
K, P, R, IG Packages
T, L, Packages
|V
IN - VOUT| ≤ 40V, TJ = 25°C
K, P, R, IG Packages
T, L, Packages
T
A = 125°C, 1000 Hours
T
A = 25°C, 10Hz ≤ f ≤
10 KHz (Note 5)
Minimum Load Current
Current Limit
Temperature Stability (Note 5)
Long Term Stability (Note 5)
RMS Output Noise (% of V
OUT)
1.5
0.5
0.24
0.15
2.5
1.2
2.2
0.8
0.4
0.25
0.6
0.3
0.003
5.0
3
3.2
1.5
1.0
0.5
1.5
1.0
1.5
0.5
0.24
0.15
2.5
1.2
2.2
0.8
0.4
0.25
0.6
0.3
0.003
5.0
3.0
1.0
mA
mA
A
A
A
A
%
%
%
-1.238
-1.220
60
70
1.5
0.5
0.24
0.15
-1.250
-1.250
0.005
5
0.1
10
0.2
0.002
66
80
65
1.0
0.2
2.5
1.2
2.2
0.8
0.5
0.25
0.6
0.3
0.003
-1.213
-1.200
66
1.5
0.5
0.15
0.10
V
V
%/V
mV
%
mV
%
%/W
dB
dB
µA
µA
µA
mA
mA
A
A
A
A
%
%
%
I
OUT = 10mA,
T
A = 25°C
3V
≤ |V
IN - VOUT| ≤ 40V, 10mA ≤ IOUT ≤ IMAX
3V
≤ |V
IN - VOUT| ≤
40V, I
OUT ≤ IMAX
T
A = 25°C
10mA
≤ I
OUT ≤ IMAX
|V
OUT| ≤ 5V, TA = 25°C
|V
OUT| ≥
5V, T
A = 25°C
|V
OUT| ≤ 5V
|V
OUT| ≥
5V
T
A = 25°C, 10ms pulse
V
OUT = -10V, f =120Hz
C
ADJ = 0, TA = 25°C
C
ADJ = 10µF
T
A = 25°C
3V
≤ |V
IN - V OUT| ≤ 40V
10mA
≤ I
OUT ≤ IMAX
|V
IN - VOUT| ≤ 40V
|V
IN - VOUT| ≤ 10V
|V
IN - VOUT| ≤ 15V
K, P, R, IG-Packages
T, L-Packages
|V
IN - VOUT| ≤ 40V, TJ = 25°C
K, P, R, IG- Packages
T, L-Packages
T
A = 125°C, 1000hr
T
A = 25°C, 10Hz ≤ f ≤ 10KHz
(Note 5)
Test Conditions
Parameter
Note 4. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating
effects are covered under the specification for thermal regulation.
Note 5. These parameters, although guaranteed, are not tested in production.
Note 6. I
MAX for K, R, and IG packages is VIN - VOUT = 3V / 1.5A and VIN - VOUT = 40V / 240mA. For T and L packages IMAX is V IN - VOUT = 3V / 500mA
and V
IN
- V
OUT
= 40V / 150mA.


Similar Part No. - SG137AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results

Similar Description - SG137AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Solid States Devices, I...
SVR137G SSDI-SVR137G Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137KM SSDI-SVR137KM Datasheet
183Kb / 2P
   -1.5 Amp -40 Volts NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR137Z SSDI-SVR137Z Datasheet
189Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
SVR137A SSDI-SVR137A Datasheet
158Kb / 3P
   1.5 AMP Negative Adjustable Linear Voltage Regulator 40 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com