Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE8.2E3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1.5KE8.2E3
Description  Unidirectional & Bidirectional Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1.5KE8.2E3 Datasheet(HTML) 1 Page - Microsemi Corporation

  1.5KE8.2E3 Datasheet HTML 1Page - Microsemi Corporation 1.5KE8.2E3 Datasheet HTML 2Page - Microsemi Corporation 1.5KE8.2E3 Datasheet HTML 3Page - Microsemi Corporation 1.5KE8.2E3 Datasheet HTML 4Page - Microsemi Corporation 1.5KE8.2E3 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Unidirectional & Bidirectional
Transient Voltage Suppressors
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2009
11-03-2009 Rev G; SA4-15
S C O T TS DALE DIVISION
1N6267 thru 1N6303A, e3
1.5KE6.8 thru 1.5KE400CA, e3
DESCRIPTION
APPEARANCE
The Transient Voltage Suppressor (TVS) series for 1N5908 & 1N6267-1N6303A
are JEDEC registered selections for unidirectional devices. The popular series of
1.5KE6.8-1.5KE400CA offers similar voltages with an extended voltage range
and also provides bidirectional options with a C or CA suffix. All have the same
high Peak Pulse Power rating of 1500 W and extremely fast response time. They
can protect from secondary lightning effects per IEC61000-4-5 and class levels
described herein as well as inductive switching environments and induced RF
protection. Since their response time is virtually instantaneous, they can also
protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Economical TVS series for thru-hole mounting
• Available in both Unidirectional and Bidirectional
(1.5KE series add C or CA suffix for Bidirectional)
• Voltages from 6.8 to 400 V Breakdown (VBR)
• Suppresses transients up to 1500 watts @ 10/1000 µs
• Optional 100% screening for avionics grade is
available by adding MA prefix to part number for added
100% temperature cycle -55
oC to +125oC (10X) as well
as surge (3X) and 24 hours HTRB with post test VZ &
IR (in the operating direction for unidirectional or both
directions for bidirectional)
• Options for screening in accordance with MIL-PRF-
19500 for JANTX are also available by adding MX
prefix to the part number.
• Surface mount equivalent packages are available as
SMCJ5.0 - SMCJ170CA or SMCG5.0 - SMCG170CA
(consult factory for other surface mount options)
• Moisture classification is Level 1 with no dry pack
required per IPC/JEDEC J-STD-020B
• RoHS Compliant devices available by adding “e3” suffix
• Protection from switching transients and induced RF
• Protection from ESD and EFT per IEC 61000-4-2 and
IEC 61000-4-4 with fast response
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1: 1.5KE6.8A to 1.5KE200A or CA *
Class 2: 1.5KE5.0A to 1.5KE180A or CA *
Class 3: 1.5KE5.0A to 1.5KE91A or CA *
Class 4: 1.5KE5.0A to 1.5KE43A or CA *
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1 : 1.5KE5.0A to 1.5KE110A or CA *
Class 2: 1.5KE5.0A to 1.5KE56A or CA *
Class 3: 1.5KE5.0A to 1.5KE27A or CA *
Class 4: 1.5KE5.0A to 1.5KE13A or CA *
• Secondary lightning protection per IEC61000-4-5 with
2 Ohms source impedance:
Class 2: 1.5KE5.0A to 1.5KE24A or CA *
Class 3: 1.5KE5.0 to 1.5KE12A or CA *
* Also applies to 1N5908 and 1Nxxxx of same voltage
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Peak Pulse Power dissipation at 25
ºC: 1500 watts at
10/1000 μs (also see Fig 1,2, and 3)
Impulse repetition rate (duty factor): 0.01%
tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
Operating and Storage temperature: -65
ºC to +150ºC
Thermal Resistance: 22
ºC/W junction to lead at 3/8 inch
(10 mm) from body, or 82
ºC/W junction to ambient when
mounted on FR4 PC board with 4 mm
2 copper pads
(1oz) and track width 1 mm, length 25 mm
Steady-State Power dissipation: 5 watts at TL = 40
oC,
or 1.52 watts at TA = 25
ºC when mounted on FR4 PC
board described for thermal resistance
Forward Surge: 200 Amps peak impulse of 8.3 ms half-
sine wave at 25ºC (unidirectional only)
Solder temperatures: 260
ºC for 10 s (maximum)
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
• FINISH: Tin-lead or RoHS Compliant matte-Tin
plating solderable per MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band. No
marking on bidirectional devices
• MARKING: Part number
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 1.5 grams (approximate)
• See package dimensions on last page
CASE 1


Similar Part No. - 1.5KE8.2E3

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE8.2 TRSYS-1.5KE8.2 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2 NJSEMI-1.5KE8.2 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE8.2 DAESAN-1.5KE8.2 Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2 NJSEMI-1.5KE8.2 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE8.2 NJSEMI-1.5KE8.2 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE8.2E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE10 HY-P6KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE_V01 Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com