Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRH075P03 Datasheet(PDF) 3 Page - Rohm

Part # RRH075P03
Description  4V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRH075P03 Datasheet(HTML) 3 Page - Rohm

  RRH075P03 Datasheet HTML 1Page - Rohm RRH075P03 Datasheet HTML 2Page - Rohm RRH075P03 Datasheet HTML 3Page - Rohm RRH075P03 Datasheet HTML 4Page - Rohm RRH075P03 Datasheet HTML 5Page - Rohm RRH075P03 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.A
Data Sheet
RRH075P03
Electrical characteristics curves
0
2
4
6
8
10
0.0
0.2
0.4
0.6
0.8
1.0
DRAIN-SOURCE VOLTAGE -VDS[V]
Ta=25℃
Pulsed
VGS= - 10V
VGS= - 4.5V
VGS= - 4.0V
VGS= - 3.0V
VGS= - 2.5V
VGS= - 2.2V
0.01
0.1
1
10
100
1.0
1.5
2.0
2.5
3.0
GATE-SOURCE VOLTAGE : -V
GS [V]
V
DS=-10V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
1
10
100
0.1
1
10
DRAIN CURRENT : -ID [A]
Ta=25℃
Pulsed
VGS=-4.0V
VGS=-4.5V
VGS=-10V
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
SOURCE-DRAIN VOLTAGE : -VSD [V]
VGS=0V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
0
2
4
6
8
10
12
14
02
4
6
8
10
DRAIN-SOURCE VOLTAGE -VDS[V]
VGS=-2.2V
VGS=-2.5V
Ta=25℃
Pulsed
VGS=-10V
VGS=-4.5V
VGS=-3.5V
VGS=-3.0V
1
10
100
0.1
1
10
DRAIN CURRENT : -ID [A]
VGS= -4.5V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
1
10
100
0.1
1
10
DRAIN CURRENT : -ID [A]
VGS= -10V
Pulsed
Ta=125℃
Ta=75℃
Ta=25℃
Ta= -25℃
0
1
10
100
0.1
1
10
DRAIN CURRENT : -ID [A]
VDS=-10V
Pulsed
Ta= -25℃
Ta= 125℃
Ta= 25℃
Ta= 75℃
1
10
100
0.1
1
10
DRAIN CURRENT : -ID [A]
VGS= -4.0V
Pulsed
Ta=125℃
Ta= -25℃
Ta= 75℃
Ta= 25℃
Fig.1 Typical output characteristics(Ⅰ)
Fig.2 Typical output characteristics(Ⅱ)
Fig.3 Typical Transfer Characteristics
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅰ)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅱ)
Fig.6 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅲ)
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(Ⅳ)
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
Fig.8 Forward Transfer Admittance
vs. Drain Current


Similar Part No. - RRH075P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03 ROHM-RRH040P03 Datasheet
226Kb / 6P
   4V Drive Pch MOSFET
RRH040P03 ROHM-RRH040P03 Datasheet
561Kb / 12P
   Pch -30V -4A Power MOSFET
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
   Pch -30V -4A Power MOSFET
RRH050P03 ROHM-RRH050P03 Datasheet
179Kb / 6P
   RRH050P03
logo
SHENZHEN DOINGTER SEMIC...
RRH050P03 DOINGTER-RRH050P03 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - RRH075P03

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com