Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4936 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4936
Description  3-Phase Brushless DC Motor Pre-Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4936 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4936 Datasheet HTML 1Page - Allegro MicroSystems A4936 Datasheet HTML 2Page - Allegro MicroSystems A4936 Datasheet HTML 3Page - Allegro MicroSystems A4936 Datasheet HTML 4Page - Allegro MicroSystems A4936 Datasheet HTML 5Page - Allegro MicroSystems A4936 Datasheet HTML 6Page - Allegro MicroSystems A4936 Datasheet HTML 7Page - Allegro MicroSystems A4936 Datasheet HTML 8Page - Allegro MicroSystems A4936 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3-Phase Brushless DC Motor Pre-Driver
A4936
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VBB
38
V
Motor Phase Output
Sx
tw< 500 ns
–3
V
Hall Input
VHx
DC
–0.3 to 7
V
Logic Input Voltage Range
VIN
–0.3 to 7
V
Ambient Operating Temperature
TA
Range M
–20 to 105
°C
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature
Tstg
–40 to 150
°C
Selection Guide
Part Number
Packing*
Package
A4936MET-T
73 pieces per tube
32-pin QFN, 5 mm × 5 mm,
0.90 mm nominal overall height
A4936METTR-T
1500 pieces per reel
*Contact Allegro® for additional packing options
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
(Junction to Ambient)
RθJA
On 4-layer PCB based on JEDEC standard
32
ºC/W
Package Thermal Resistance
(Junction to Exposed Pad)
RθJP
2
ºC/W
*Additional thermal information available on the Allegro website
Internal circuit protection includes thermal shutdown with hysteresis,
undervoltage lockout, and dead time protection. Special power-up
sequencing is not required. Operating temperature range is –20°C
to 105°C.
The device package is a 32-contact, 5 mm × 5 mm, 0.90 mm
nominal overall height QFN, with exposed pad for enhanced thermal
dissipation.This small-footprint package is lead (Pb) free, with 100%
matte tin leadframe plating.


Similar Part No. - A4936

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A493-0005-A3 BEL-A493-0005-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0007-A3 BEL-A493-0007-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0010-A3 BEL-A493-0010-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0012-A3 BEL-A493-0012-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A493-0015-A3 BEL-A493-0015-A3 Datasheet
63Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
More results

Similar Description - A4936

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
   3-Phase Brushless DC Motor Pre-Driver
logo
Rohm
BD63002MUV ROHM-BD63002MUV Datasheet
982Kb / 24P
   3-phase brushless motor pre-driver
BD63002AMUV ROHM-BD63002AMUV Datasheet
2Mb / 26P
   3-Phase Brushless Motor Pre-driver
BD63000MUV ROHM-BD63000MUV Datasheet
619Kb / 17P
   3-phase brushless motor pre-driver
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
   3-Phase Brushless Motor Pre-driver for Automotive
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com