Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5303 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A5303
Description  Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5303 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A5303 Datasheet HTML 1Page - Allegro MicroSystems A5303 Datasheet HTML 2Page - Allegro MicroSystems A5303 Datasheet HTML 3Page - Allegro MicroSystems A5303 Datasheet HTML 4Page - Allegro MicroSystems A5303 Datasheet HTML 5Page - Allegro MicroSystems A5303 Datasheet HTML 6Page - Allegro MicroSystems A5303 Datasheet HTML 7Page - Allegro MicroSystems A5303 Datasheet HTML 8Page - Allegro MicroSystems A5303 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Photoelectric Smoke Detector
with Interconnect, Timer, and Latching Alarm Indicator
A5303
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued on the next page…
AC ELECTRICAL CHARACTERISTICS1 Valid at TA = 25°C, VDD = 2.3 to 5.5 V, configured as in Typical Application Diagram
(unless otherwise noted)
Characteristics
Symbol
Test Conditions
OSC
Count
Min.
Typ.2
Max.
Unit
Oscillator Period
tosc
1
9.4
10.5
11.5
ms
Smoke Check
tsmoke
210
9.6
10.75
11.9
s
Low Battery Test
tbattery
No low-battery detected
218
41.3
45.9
50.5
min
tbattery2
Low-battery detected
212
39
43
48
s
Degraded Chamber Test
tchamber
No degraded chamber detected
218
41.3
45.9
50.5
min
tchamber2
Degraded chamber detected
212
39
43
48
s
LED Pulse Period
tled0
No local or remote smoke, BLINK = VSS
No
LED
Pulses
––
tled1
No local or remote smoke, BLINK = VDD
212
39
43
48
s
tled3
Local smoke
48
0.45
0.50
0.55
s
tled4
Remote smoke only
No
LED
Pulses
––
tled6
Pushbutton test, induced alarm
48
0.45
0.50
0.55
s
tled7
Timer mode, no alarm
210
9.67
10.75
11.83
s
LED Pulse Width
tw(led)
1
9.5
10.5
11.5
ms
LED Pulse Spacing
tsp(led)
3 pulses, degraded chamber
26
0.60
0.67
0.74
s
STROBE Pulse Period
tst1
No local or remote smoke
210
9.6
10.75
11.9
s
tst2
After 1 of 3 valid samples
192
1.8
2.0
2.2
s
tst3
After 2 of 3 valid samples and during local alarm
96
0.8
1.0
1.1
s
tst4
Remote smoke only
768
7.2
8.0
8.9
s
tst5
Chamber test, no local alarm
218
41.3
45.9
50.5
min
tst6
Pushbutton test, induced alarm
24
225
252
278
ms
STROBE Pulse Width
tw(st)
1
9.5
10.5
11.5
ms
IRED Pulse Period
tired1
No local or remote smoke
210
9.6
10.75
11.9
s
tired2
After 1 of 3 valid samples
192
1.8
2.0
2.2
s
tired3
After 2 of 3 valid samples and during local alarm
96
0.8
1.0
1.1
s
tired4
Remote smoke only
768
7.2
8.0
8.9
s
tired5
Chamber test, no local alarm
218
41.3
45.9
50.5
min
tired6
Pushbutton test, induced alarm
24
225
252
278
ms
IRED Pulse Width
tw(ired)
0.01
94
105
116
μs
I/O to Active Delay
td(io)
Local alarm
0
s
I/O Charge Dump Duration
tdump
End of local alarm or test
96
0.9
1.0
1.1
s
Rising Edge on I/O to Alarm
tr(io)
No local alarm
9 to 13
9 ×
tosc
94.5 –
137
13 ×
tosc
ms


Similar Part No. - A5303

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results

Similar Description - A5303

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com