Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5303SLE-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A5303SLE-T
Description  Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5303SLE-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A5303SLE-T Datasheet HTML 1Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 2Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 3Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 4Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 5Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 6Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 7Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 8Page - Allegro MicroSystems A5303SLE-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The A5303 is a low-current BiCMOS photoelectric smoke
detector circuit with ultra-low standby current and can operate
for 10 years powered by inexpensive batteries. This device can
be used with an infrared optical chamber to sense light scattered
from smoke particles. A networking capability allows units to
be interconnected so that if any unit senses smoke all units will
sound an alarm. Special features are incorporated in the design
to facilitate calibration and testing of the finished detector.
A variable-gain photoamplifier can be directly interfaced to
an infrared emitter-detector pair. The amplifier gain levels
are determined by two external capacitors and are internally
selected depending on the operating mode. Low gain is selected
during standby and timer modes. During a local alarm, this low
gain is increased (internally) by approximately 45% to provide
hysteresis. High gain is used during pushbutton test and to
periodically monitor the chamber sensitivity during standby.
The internal oscillator and timing circuitry minimize standby
power by sensing for smoke for only 100 μs once every 10 s.
A special three-stage-speedup sensing scheme is incorporated
to minimize the time to an audible alarm and also to reduce
false triggering. Chamber sensitivity is periodically monitored
and two consecutive cycles of degraded sensitivity are required
for a warning signal to occur.
The A5303 is supplied in a thin profile (<1.2 mm overall
height) 20-pin TSSOP package (0.65 mm nominal lead pitch).
The package is lead (Pb) free with 100% matte tin leadframe
plating.
5303-DS
Features and Benefits
▪ Low average standby current allows 10-year battery life
▪ 2.3 to 5.5 V operating range
▪ Interconnect option
▪ Logic outputs to control an external sound IC
▪ Low battery detection and warning
▪ Chamber sensitivity test and warning
▪ Triple horn-chirp to distinguish chamber warning
▪ Power-on reset (POR)
▪ Digital filter on I/O provides significant noise immunity
▪ Timer (hush) mode for enabling reduced sensitivity period
▪ Built-in circuits to reduce false triggering
▪ ESD protection circuitry on all pins
▪ Temporal Horn Pattern, per UL217, NFPA72, ISO8201
▪ Latching alarm indicator identifies alarm-initiating devices
Photoelectric Smoke Detector
with Interconnect, Timer, and Latching Alarm Indicator
Package: 20-pin TSSOP (suffix LE)
Not to scale
A5303
Typical Application Diagram
Control
Logic
SOUT0
VDD
TEST
C1
56 nF
C2
5.6 nF
DETECT
Gain
Select
STROBE
IRED
VDD
OSC
Timing
Low Batt
1.2 V
3 V
100 μF
LED
VSS
560 Ω
200 kΩ
10 μF
VDD -
1.6 V
OSCCAP
1500 pf
Push-to-test
HUSH
Connect HUSH to
VSS to disable
timer mode
ISET
LVSET
Low Batt
Sample
A
A
A resistor connected
between this pin and
VDD or VSS adjusts
the low-battery threshold
SOUT1
Voice IC outputs
10 ΜΩ
100 kΩ
SOUT2
TRES
220 Ω
To / from
other units
VDD
VDD
VDD
BLINK
In standby, BLINK = VDD
causes LED to blink,
BLINK = V
SS causes
LED not to blink
HORN
Output to optional
boost converter to
drive a piezo horn
Smoke
Chamber
Red LED
B
B
R1
R2
5 k Ω
3 kΩ
3 Ω
1 k Ω


Similar Part No. - A5303SLE-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results

Similar Description - A5303SLE-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
logo
Allegro MicroSystems
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com