Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0601A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0601A
Description  IF SAW Filter 36.125MHz SMD 10.8X3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0601A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0601A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0601A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0601A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0601A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0601A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E. Matching Circuit:
(1) Single ended input 50 ohm to Balanced output 2000 ohm
F. Recommended Reflow Profile:


Similar Part No. - TB0601A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0603A TAI-SAW-TB0603A Datasheet
277Kb / 7P
   IF SAW Filter 110.592 MHz (SMD 7.0mmX5.0mm)
logo
Golledge Electronics Lt...
TB0603A GOLLEDGE-TB0603A Datasheet
71Kb / 6P
   110.5920MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0606A TAI-SAW-TB0606A Datasheet
303Kb / 6P
   IF SAW Filter 480MHz
logo
Golledge Electronics Lt...
TB0606A GOLLEDGE-TB0606A Datasheet
91Kb / 4P
   SAW Filter 480MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0608A TAI-SAW-TB0608A Datasheet
376Kb / 8P
   SAW Filter 154.1 MHz SMD 9.1mmX7.1mm
More results

Similar Description - TB0601A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0244A TAI-SAW-TB0244A Datasheet
413Kb / 4P
   SAW IF Filter 36.125MHz for Digital Cable TV
TB0257A TAI-SAW-TB0257A Datasheet
413Kb / 4P
   SAW IF Filter 36.125MHz for Digital Cable TV
TB0645A TAI-SAW-TB0645A Datasheet
167Kb / 4P
   SAW IF Filter 36.125MHz for Digital Cable TV
TB0883A TAI-SAW-TB0883A Datasheet
377Kb / 6P
   IF SAW Filter 875MHz SMD 13.3X6.5mm
TB1304A TAI-SAW-TB1304A Datasheet
348Kb / 7P
   IF SAW Filter 822.5MHz SMD 5.0X5.0mm
TB0569A TAI-SAW-TB0569A Datasheet
260Kb / 8P
   187.5MHz SMD 7x5mm IF SAW Filter
TB1210A TAI-SAW-TB1210A Datasheet
197Kb / 7P
   IF SAW Filter 175.075MHz SMD 7.0X5.0mm
TB1211A TAI-SAW-TB1211A Datasheet
208Kb / 7P
   IF SAW Filter 169.2MHz SMD 7.0X5.0mm
TB1302A TAI-SAW-TB1302A Datasheet
345Kb / 7P
   IF SAW Filter 822.5MHz SMD 7.0X5.0mm
TB0124A TAI-SAW-TB0124A Datasheet
593Kb / 7P
   SAW IF Filter 210.38MHz (SMD 5x5)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com