Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZR040P01 Datasheet(PDF) 4 Page - Rohm

Part # RZR040P01
Description  1.5V Drive Pch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZR040P01 Datasheet(HTML) 4 Page - Rohm

  RZR040P01 Datasheet HTML 1Page - Rohm RZR040P01 Datasheet HTML 2Page - Rohm RZR040P01 Datasheet HTML 3Page - Rohm RZR040P01 Datasheet HTML 4Page - Rohm RZR040P01 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.A
Data Sheet
RZR040P01
Measurement circuits
Fig.1-1 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.1-2 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
Pulse Width
VGS
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.2-1 Gate Charge Measurement Circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.2-2 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
Notice
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
0
50
100
150
200
05
10
Ta=25°C
Pulsed
ID= -2.0A
ID= -4.0A
0
1
2
3
4
5
0
5
10
15
20
25
30
35
Ta=25°C
VDD= -6V
ID= -4.0A
RG=10Ω
Pulsed
100
1000
10000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
1
10
100
0.1
1
10
VDS= -6V
Pulsed
Ta= -25°C
Ta=25°C
Ta=75°C
Ta=125°C
1
10
100
1000
0.01
0.1
1
10
tr
tf
td(on)
td(off)
Ta=25°C VDD= -6V
VGS=-4.5V RG=10Ω
Pulsed
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.11 Forward Transfer Admittance
vs. Drain Current
Fig.12 Dynamic Input Characteristics
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
Fig.14 Switching Characteristics
GATE-SOURCE VOLTAGE : -VGS[V]
DRAIN CURRENT : -ID[A]
DRAIN-CURRENT : -ID[A]
GATE-SOURCE VOLTAGE : -VDS[V]
TOTAL GATE CHARGE : Qg [nC]


Similar Part No. - RZR040P01

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RZR040P01TL VBSEMI-RZR040P01TL Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RZR040P01

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com