Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2611M Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # HCPL2611M
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2611M Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL2611M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 9Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 10Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 11Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 12Page - Fairchild Semiconductor HCPL2611M Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3
11
Carrier Tape Specifications (Option SD)
Symbol
Description
Dimension in mm
WTape Width
16.0 ± 0.3
tTape Thickness
0.30 ± 0.05
P0
Sprocket Hole Pitch
4.0 ± 0.1
D0
Sprocket Hole Diameter
1.55 ± 0.05
E
Sprocket Hole Location
1.75 ± 0.10
FPocket Location
7.5 ± 0.1
P2
2.0 ± 0.1
PPocket Pitch
12.0 ± 0.1
A0
Pocket Dimensions
10.30 ±0.20
B0
10.30 ±0.20
K0
4.90 ±0.20
W1
Cover Tape Width
13.2 ± 0.2
dCover Tape Thickness
0.1 max
Max. Component Rotation or Tilt
10°
R
Min. Bending Radius
30
d
0
P
t
2
D0
1
1
W
User Direction of Feed
0
K
B0
A0
W
E
D
F
P
P


Similar Part No. - HCPL2611M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HCPL2611M ONSEMI-HCPL2611M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Similar Description - HCPL2611M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com