Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL2630M Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HCPL2630M
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2630M Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL2630M Datasheet HTML 5Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 6Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 7Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 8Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 9Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 10Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 11Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 12Page - Fairchild Semiconductor HCPL2630M Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3
10
Ordering Information
Marking Information
Option
Example Part
Number
Description
No Suffix
6N137M
Standard Through Hole Device, 50 pcs per tube
S
6N137SM
Surface Mount Lead Bend
SD
6N137SDM
Surface Mount; Tape and Reel
V
6N137VM
IEC60747-5-2 approval pending (VDE)
TV
6N137TVM
IEC60747-5-2 approval pending (VDE), 0.4” lead spacing
SV
6N137SVM
IEC60747-5-2 approval pending (VDE), surface mount
SDV
6N137SDVM
IEC60747-5-2 approval pending (VDE), surface mount, tape and reel
1
2
6
4
3
5
6N137
B
YY
XX
V
Note:
‘HCPL’ devices are marked only with the numerical characters (for example, HCPL2630 is
marked as ‘2630’).
The ‘M’ suffix on the part number is an order identifier only. It is used to identify orders for the
white package version. The ‘M’ does not appear on the device’s top mark.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table) (pending approval)
4Two digit year code, e.g., ‘07’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code


Similar Part No. - HCPL2630M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HCPL2630M ONSEMI-HCPL2630M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Similar Description - HCPL2630M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com