Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138SVM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 6N138SVM
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SVM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 6N138SVM Datasheet HTML 2Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 3Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 4Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 5Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 6Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 7Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 8Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 9Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
6
Electrical Characteristics (Continued) T
A = 25°C unless otherwise specified)
Current Limiting Resistor Calculations
R1 (Non-Invert) = VDD1 – VDF – VOL1
IF
R1 (Invert) = VDD1 – VOH1 – VDF
IF
R2 = VDD2 = VOLX (@ IL – I2)
IL
Where:
VDD1 = Input Supply Voltage
VDD2 = Output Supply Voltage
VDF = Diode Forward Voltage
VOL1 = Logic “0” Voltage of Driver
VOH1 = Logic “1” Voltage of Driver
IF = Diode Forward Current
VOLX = Saturation Voltage of
Output Transistor
IL = Load Current Through
Resistor R2
I2 = Input Current of Output Gate
Fig. 2 Non-Inverting Logic Interface
Fig. 3 Inverting Logic Interface
Fig. 1 Resistor Values for Logic Interface
3
4
2
1
6
5
7
8
2
R
1
R
IN
OUT
VDD1
DD2
V
IN
4
3
2
5
6
7
R2
OUT
1
8
DD2
V
R1
INPUT
R1 (V)
OUTPUT
CMOS
@ 5V
CMOS
@ 10V
74XX
74LXX
74SXX
74LSXX
74HXX
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
CMOS
@ 5V
NON-INV. 2000
1000
2200
750
1000
1000
1000
560
INV.
510
CMOS
@ 10V
NON-INV. 5100
INV.
4700
74XX
NON-INV. 2200
INV.
180
74LXX
NON-INV. 1800
INV.
100
74SXX
NON-INV. 2000
INV.
360
74LSXX NON-INV. 2000
INV.
180
74HXX
NON-INV. 2000
INV.
180


Similar Part No. - 6N138SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138SV FAIRCHILD-6N138SV Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138SV FAIRCHILD-6N138SV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SV FAIRCHILD-6N138SV Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - 6N138SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com