Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR25K Datasheet(PDF) 3 Page - Won-Top Electronics

Part # AR25K
Description  25A AUTOMOTIVE BUTTON DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

AR25K Datasheet(HTML) 3 Page - Won-Top Electronics

  AR25K Datasheet HTML 1Page - Won-Top Electronics AR25K Datasheet HTML 2Page - Won-Top Electronics AR25K Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AR/S25A – AR/S25M
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
AR25A
10mm Button
1000 Units/Box
ARS25A
8.6mm Button
1000 Units/Box
AR25B
10mm Button
1000 Units/Box
ARS25B
8.6mm Button
1000 Units/Box
AR25D
10mm Button
1000 Units/Box
ARS25D
8.6mm Button
1000 Units/Box
AR25G
10mm Button
1000 Units/Box
ARS25G
8.6mm Button
1000 Units/Box
AR25J
10mm Button
1000 Units/Box
ARS25J
8.6mm Button
1000 Units/Box
AR25K
10mm Button
1000 Units/Box
ARS25K
8.6mm Button
1000 Units/Box
AR25M
10mm Button
1000 Units/Box
ARS25M
8.6mm Button
1000 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - AR25K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
AR25K TSC-AR25K Datasheet
77Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
AR25K TSC-AR25K Datasheet
340Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR25K TSC-AR25K Datasheet
560Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR25K TSC-AR25K Datasheet
364Kb / 4P
   High Current Button Rectifiers
logo
HY ELECTRONIC CORP.
AR25K HY-AR25K Datasheet
377Kb / 3P
   High Current Automobile Rectifier
More results

Similar Description - AR25K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Nanjing International G...
ARS25G DGNJDZ-ARS25G Datasheet
5Mb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
C25A WTE-C25A_14 Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
Shanghai Shunye Electro...
AR3505 SHUNYE-AR3505 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR2505 SHUNYE-AR2505 Datasheet
214Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR5005 SHUNYE-AR5005 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
C25A WTE-C25A_06 Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
Shanghai Shunye Electro...
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com