Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8105FV Datasheet(PDF) 2 Page - Rohm

Part # BD8105FV
Description  Power Management IC Series for Automotive Body Control LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8105FV Datasheet(HTML) 2 Page - Rohm

  BD8105FV_09 Datasheet HTML 1Page - Rohm BD8105FV_09 Datasheet HTML 2Page - Rohm BD8105FV_09 Datasheet HTML 3Page - Rohm BD8105FV_09 Datasheet HTML 4Page - Rohm BD8105FV_09 Datasheet HTML 5Page - Rohm BD8105FV_09 Datasheet HTML 6Page - Rohm BD8105FV_09 Datasheet HTML 7Page - Rohm BD8105FV_09 Datasheet HTML 8Page - Rohm BD8105FV_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BD8105FV
Technical Note
2/12
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Operational Conditions (Ta=-40~105℃)
Item
Symbol
Standard Value
Unit
Min
Typ
Max
Power Supply Voltage
Vcc
4.5
5
5.5
V
Drive Current
Io
-
20
40
mA
* This product is not designed for protection against radioactive rays.
Electrical Characteristics (Unless specified, Ta=-40~105℃ Vcc=4.5~5.5V)
Item
Symbol
Standard Value
Unit
Conditions
Min
Typ
Max
Output D0~D11】(Pin No : 4~9, 11~16)
ON Resistor
RON
-
6
12
ID=20mA
Output leakage current
IDL
-
0
5
uA
VD=34V
Logic input】(Pin No : 1, 2, 3, 17, 18)
Upper limit threshold voltage
VTH
Vcc
×0.8
-
-
V
Bottom limit threshold voltage
VTL
-
-
Vcc
×0.2
V
Serial clock frequency
FCLK
-
-
1
MHz
Input Current
IIN
20
50
100
uA
VIN=5V
Input leakage Current
IINL
-
0
5
uA
VIN=0V
WHOLE】
Circuit Current
ICC
-
0.3
5
mA
Serial Data Input,
VCC=5V,CLK=500KHz,
SEROUT=OPEN
Static Current
ISTN
-
0
50
uA
RST_B=OPEN,
SEROUT=OPEN
SER OUT】(Pin No. : 20)
Output Voltage high
VOH
4.6
4.8
-
V
VCC=5V, ISO=-5mA
Output voltage Low
VOL
-
0.2
0.4
V
VCC=5V, ISO=5mA
* This product is not designed for protection against radioactive rays.


Similar Part No. - BD8105FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8105FV-E2 ROHM-BD8105FV-E2 Datasheet
353Kb / 13P
   LED Indicator Driver
BD8105FV ROHM-BD8105FV_11 Datasheet
353Kb / 13P
   LED Indicator Driver
More results

Similar Description - BD8105FV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD3940FP-E2 ROHM-BD3940FP-E2 Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
logo
Texas Instruments
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
[Old version datasheet]   Power Management and LED Driver IC
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA2005 TI1-DLPA2005 Datasheet
1Mb / 55P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
International Rectifier
IRS2980S IRF-IRS2980S Datasheet
339Kb / 18P
   LED DRIVER CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com