Electronic Components Datasheet Search |
|
BD9011EKN Datasheet(PDF) 5 Page - Rohm |
|
BD9011EKN Datasheet(HTML) 5 Page - Rohm |
5 / 30 page 5/29 40 41 42 43 44 45 46 47 48 36 35 34 33 32 31 30 29 28 1 2 3 4 5 6 7 8 9 10 11 12 21 20 19 18 17 16 15 14 13 24 23 22 FB1 N.C VREG33 N.C VREG5A N.C OUTL1 DGND1 SW1 DET1 SS1 COMP1 27 26 25 37 38 39 N.C EXTVCC N.C N.C VREG5 N.C OUTL2 DGND2 SW2 SS2 COMP2 FB2 ● Pin configuration ●Pin function table BD9011KV(VQFP48C) Fig-15 ● Block functional descriptions ・ Error amp The error amp compares output feedback voltage to the 0.8V reference voltage and provides the comparison result as COMP voltage, which is used to determine the switching Duty. COMP voltage is limited to the SS voltage, since soft start at power up is based on SS pin voltage. ・ Oscillator (OSC) Oscillation frequency is determined by the switching frequency pin (RT) in this block. The frequency can be set between 250kHz and 550kHz. ・ SLOPE The SLOPE block uses the clock produced by the oscillator to generate a triangular wave, and sends the wave to the PWM comparator. ・ PWM COMP The PWM comparator determines switching Duty by comparing the COMP voltage, output from the error amp, with the triangular wave from the SLOPE block. Switching duty is limited to a percentage of the internal maximum duty, and thus cannot be 100% of the maximum. ・ Reference voltage (5Vreg,33Vreg) This block generates the internal reference voltages: 5V and 3.3V. ・ External synchronization (SYNC) Determines the switching frequency, based on the external pulse applied. ・ Over current protection (OCP) Over current protection is activated when the VCCCL-CL voltage reaches or exceeds 90mV. When over current protection is active, Duty is low, and output voltage also decreases. When LOFF=L, the output voltage has fallen to 70% or below and output is latched OFF. The OFF latch mode ends when the latch is set to STB, EN. ・ Sequence control (Sequence DET) Compares FB voltage with reference voltage (0.56V) and outputs the result as DET. ・ Protection circuits (UVLO/TSD) The UVLO lock out function is activated when VREG falls to about 2.8V, while TSD turns outputs OFF when the chip temperature reaches or exceeds 150℃. Output is restored when temperature falls back below the threshold value. Pin No. Pin name Function 1 OUTH2 High side FET gate drive pin 2 2 BOOT2 OUTH2 driver power pin 3 CL2 Over current detection pin 2 4 N.C Non-connect (unused) pin 5 VCCCL2 Over current detection VCC2 6 N.C Non-connect (unused) pin 7 VCC Input power pin 8 VCCCL1 Over current detection CC1 9 N.C Non-connect (unused) pin 10 CL1 Over current detection setting pin 1 11 BOOT1 OUTH1 driver power pin 12 OUTH1 High side FET gate drive pin 1 13 SW1 High side FET source pin 1 14 DGND1 Low side FET source pin 1 15 OUTL1 Low side FET gate drive pin 1 16 N.C Non-connect (unused) pin 17 VREG5A FET drive REG input 18 N.C Non-connect (unused) pin 19 VREG33 Reference input REG output 20 N.C Non-connect (unused) pin 21 FB1 Error amp input 1 22 COMP1 Error amp output 1 23 SS1 Soft start setting pin 1 24 DET1 FB detector output 1 25 STB Standby ON/OFF pin 26 EN1 Output 1 ON/OFF pin 27 EN2 Output 2 ON/OFF pin 28 N.C Non-connect (unused) pin 29 GND Ground 30 GNDS Sense ground 31 LOFF Over current protection OFF latch function ON/OFF pin 32 N.C Non-connect (unused) pin 33 RT Switching frequency setting pin 34 SYNC External synchronous pulse input pin 35 LLM Built-in pull-down resistor pin 36 DET2 FB detector output 2 37 SS2 Soft start setting pin 2 38 COMP2 Error amp output 2 39 FB2 Error amp input 2 40 N.C Non-connect (unused) pin 41 EXTVCC External power input pin 42 N.C Non-connect (unused) pin 43 N.C Non-connect (unused) pin 44 VREG5 FET drive REG output 45 N.C Non-connect (unused) pin 46 OUTL2 Low side FET gate drive pin 2 47 DGND2 Low side FET source pin 2 48 SW2 High side FET source pin 2 |
Similar Part No. - BD9011EKN_08 |
|
Similar Description - BD9011EKN_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |