Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8157EFV Datasheet(PDF) 1 Page - Rohm

Part # BD8157EFV
Description  Single-channel Source Voltage Output Power Supply Gamma Buffer Amp ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8157EFV Datasheet(HTML) 1 Page - Rohm

  BD8157EFV Datasheet HTML 1Page - Rohm BD8157EFV Datasheet HTML 2Page - Rohm BD8157EFV Datasheet HTML 3Page - Rohm BD8157EFV Datasheet HTML 4Page - Rohm BD8157EFV Datasheet HTML 5Page - Rohm BD8157EFV Datasheet HTML 6Page - Rohm BD8157EFV Datasheet HTML 7Page - Rohm BD8157EFV Datasheet HTML 8Page - Rohm BD8157EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Power Supply IC Series for TFT-LCD Panels
ingle
S
-channel Source Voltage
Output Power Supply + Gamma BufferAmp ICs
BD8151EFV,BD8157EFV
Description
The BD8151EFV,BD8157EFV power supply IC are designed for use with TFT-LCD panels. It incorporates a built-in source
voltage step-up switching regulator and gamma correction buffer amp. The combination of a source power supply and
gamma correction buffer on a single chip delivers significant cost savings.
Compatible with input voltages from 2.5 V to 5.5 V (BD8151EFV), 2.1 V to 4.0 V (BD8157EFV), the IC supports low-voltage
operation and reaches over 85% efficiency with a 2.5 V input, contributing to low power consumption designs.
Features
1) Single-chip implementation of a source power supply and gamma correction buffer
2) Support for low-voltage operation, with input voltages from 2.5 V to 5.5 V (BD8151EFV)
2.1 V to 4.0 V (BD8157EFV)
3) Built-in 1.4 A, 0.2
 low-voltage FET
4) Switchable step-up DC/DC switching frequencies: 600 kHz/1.2 MHz
5) Current mode PWM control
6) Under-voltage lockout protection circuit
7) Built-in overcurrent protection circuit
8) Built-in thermal shutdown circuit
Applications
Satellite navigation systems, laptop PC TFT LCD panels
LCD monitor panels
Absolute maximum ratings (Ta = 25℃)
Parameter
Symbol
Limit
Unit
Power supply voltage
Vcc
7
V
Power dissipation
Pd
1000*
mW
Operating temperature range
BD8151EFV
Topr
−40 to +85
BD8157EFV
−40 to +125
Storage temperature range
Tstg
−55 to +150
Switching pin current
Isw
1.5**
A
Switching pin voltage
Vsw
15
V
VS voltage
VS
15
V
Maximum junction temperature
Tjmax
150
°C
* Reduced by 8 mW/℃ over 25℃, when mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm).
** Must not exceed Pd.
Recommended Operating Ranges (Ta = 25℃)
Parameter
Symbol
Limit
Unit
Min.
Typ.
Max.
Power supply voltage BD8151EFV
Vcc
2.5
3.3
5.5
V
Power supply voltage BD8157EFV
Vcc
2.1
2.5
4.0
V
Switching current
ISW
1.4
A
Switching pin voltage
VSW
14
V
VS pin voltage
VS
5
9
14
V
No.09035EBT11


Similar Part No. - BD8157EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
More results

Similar Description - BD8157EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8150KVT ROHM-BD8150KVT_09 Datasheet
494Kb / 19P
   4-channel System Power Supply Gamma Buffer Amp IC
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Maxim Integrated Produc...
MAX17330X2EVKIT MAXIM-MAX17330X2EVKIT Datasheet
8Mb / 35P
   Voltage source/Power supply
Rev 0; 4/21
logo
National Semiconductor ...
CLC451 NSC-CLC451 Datasheet
252Kb / 12P
   Single Supply, Low-Power, High Output, Programmable Buffer
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Analog Devices
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
logo
Burr-Brown (TI)
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Analog Devices
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com