Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9102FVM Datasheet(PDF) 7 Page - Rohm

Part # BD9102FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9102FVM Datasheet(HTML) 7 Page - Rohm

Back Button BD9102FVM_09 Datasheet HTML 3Page - Rohm BD9102FVM_09 Datasheet HTML 4Page - Rohm BD9102FVM_09 Datasheet HTML 5Page - Rohm BD9102FVM_09 Datasheet HTML 6Page - Rohm BD9102FVM_09 Datasheet HTML 7Page - Rohm BD9102FVM_09 Datasheet HTML 8Page - Rohm BD9102FVM_09 Datasheet HTML 9Page - Rohm BD9102FVM_09 Datasheet HTML 10Page - Rohm BD9102FVM_09 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
7/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block diagram, Application circuit
BD9102FVM,BD9104FVM】
Fig.37 BD9102FVM BD9104FVM TOP View
Fig.38 BD9102FVM BD9104FVM Block diagram
Fig.39 BD9106FVM TOP View
Fig.40 BD9106FVM Block diagram
Pin No. & function table
Pin No.
Pin name
PIN function
1
VOUT/ADJ
Output voltage detect pin/ ADJ for BD9106FVM
2
ITH
GmAmp output pin/Connected phase compensation capacitor
3
EN
Enable pin(Active High)
4
GND
Ground
5
PGND
Nch FET source pin
6
SW
Pch/Nch FET drain output pin
7
PVCC
Pch FET source pin
8
VCC
VCC power supply input pin
8
7
6
5
VCC
PVCC
SW
PGND
1
2
3
4
VOUT
ITH
EN
GND
TOP View
8
7
6
5
VCC
PVCC
SW
PGND
1
2
3
4
ADJ
ITH
EN
GND
TOP View
BD9106FVM
VREF
OSC
UVLO
TSD
Current
Sense/
Protect
Driver
Logic
+
Soft
Start
8
7
6
5
4
2
1
3
RQ
S
EN
VCC
PVCC
10μF
5V
Input
4.7μH
SW
10μF
Output
PGND
GND
ITH
VOUT
VCC
SLOPE
Current
Comp.
Gm Amp.
VCC
CLK
VREF
OSC
UVLO
TSD
Current
Sense/
Protect
Driver
Logic
+
Soft
Start
8
7
6
5
4
2
1
3
RQ
S
EN
VCC
PVCC
10μF
5V
Input
4.7μH
SW
10μF
Output
PGND
GND
ITH
ADJ
VCC
SLOPE
Current
Comp.
Gm Amp.
VCC
CLK


Similar Part No. - BD9102FVM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9102FVM-TR ROHM-BD9102FVM-TR Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD9102FVM-TR ROHM-BD9102FVM-TR Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9102FVM_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com