Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9104FVM Datasheet(PDF) 6 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 6 Page - Rohm

Back Button BD9104FVM Datasheet HTML 2Page - Rohm BD9104FVM Datasheet HTML 3Page - Rohm BD9104FVM Datasheet HTML 4Page - Rohm BD9104FVM Datasheet HTML 5Page - Rohm BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm BD9104FVM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
6/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ta-VOUT
Efficiency
Reference characteristics
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
-25 -15 -5
5 15 25 35 45 55 65 75 85
TEMPERATURE:Ta[℃]
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT:IOUT[mA]
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-25 -15 -5
5
1525 3545 55 65 7585
TEMPERATURE:Ta[℃]
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-25 -15 -5
5
1525354555 657585
TEMPERATURE:Ta[℃]
Fig.34 Ta-VEN
Fig.35 Ta-ICC
Fig.36 Vcc-Fosc
Fig.25 Ta-VOUT
Fig.26 Ta-VOUT
Fig.27 Ta-VOUT
Fig.28 Efficiency
(VCC=EN=5V VOUT=1 24V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT:IOUT[mA]
Fig.29 Efficiency
(VCC=EN=5V,VOUT=3.3V)
[BD9104FVM]
[BD9102FVM]
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT:IOUT[mA]
Fig.30 Efficiency
(VCC=EN=5V,VOUT=1.8V)
Ta=25℃
[BD9106FVM]
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-25 -15 -5
5
1525 354555657585
TEMPERATURE:Ta[℃]
[BD9102FVM]
VCC=5V
[BD9104FVM]
[BD9106FVM]
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
-25 -15 -5
5
1525 354555 65 7585
TEMPERATURE:Ta[℃]
BD9102FVM
BD9104FVM
BD9106FVM
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-25 -15 -5
5 1525 35 455565 75 85
TEMPERATURE:Ta[℃]
BD9102FVM
BD9104FVM
BD9106FVM
BD9102FVM
BD9104FVM
BD9106FVM
Fig.32 Ta-RONN
Fig.33Ta-RONP
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-25 -15 -5 5 1525 354555 657585
TEMPERATURE:Ta[℃]
BD9102FVM
BD9104FVM
BD9106FVM
0
50
100
150
200
250
300
350
-25 -15 -5 5 1525 3545 5565 7585
TEMPERATURE:Ta[℃]
VCC=5V
BD9102FVM
BD9104FVM
BD9106FVM
0.8
0.9
1
1.1
1.2
44.5
55.5
INPUT VOLTAGE:VCC[V]
BD9102FVM
BD9104FVM
BD9106FVM
Ta=25℃
Fig.31 Ta-FOSC
VCC=5V
VCC=5V
Ta=25℃
Ta=25℃
VCC=5V
VCC=5V
VCC=5V
VCC=5V


Similar Part No. - BD9104FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9104FVM ROHM-BD9104FVM Datasheet
296Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9104FVM ROHM-BD9104FVM Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9104FVM-TR ROHM-BD9104FVM-TR Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD9104FVM-TR ROHM-BD9104FVM-TR Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9104FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com