Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9109FVM Datasheet(PDF) 10 Page - Rohm

Part # BD9109FVM
Description  High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9109FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD9109FVM Datasheet HTML 6Page - Rohm BD9109FVM Datasheet HTML 7Page - Rohm BD9109FVM Datasheet HTML 8Page - Rohm BD9109FVM Datasheet HTML 9Page - Rohm BD9109FVM Datasheet HTML 10Page - Rohm BD9109FVM Datasheet HTML 11Page - Rohm BD9109FVM Datasheet HTML 12Page - Rohm BD9109FVM Datasheet HTML 13Page - Rohm BD9109FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
BD9106FVM,BD9107FVM,BD9109FVM,BD9110NV,BD9120HFN
Technical Note
10/28
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-25 -15-5
5
1525
35 45
5565758595 105
TEMPERATURE:Ta[℃]
VCC=5V
0
50
100
150
200
250
300
350
400
-25 -15-5
5
152535455565
758595 105
TEMPERATURE:Ta[℃]
VCC=5V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-25 -15-5
5
152535455565
758595 105
TEMPERATURE:Ta[℃]
PMOS
NMOS
VCC=5V
0.0
0.5
1.0
1.5
2.0
0
1
234
OUTPUT CURRENT:IOUT[A]
VCC=5V
Ta=25℃
0.0
0.5
1.0
1.5
2.0
01
23
45
INPUT VOLTAGE:VCC[V]
Ta=25℃
Io=0A
0.0
0.5
1.0
1.5
2.0
01
23
45
EN VOLTAGE:VEN[V]
VCC=5V
Ta=25℃
Io=0A
VOUT=1.4V】
VOUT=1.4V】
VOUT=1.4V】
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
OUTPUT CURRENT:IOUT[mA]
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-25 -15-5
5
15 2535455565
758595 105
TEMPERATURE:Ta[℃]
1.35
1.36
1.37
1.38
1.39
1.40
1.41
1.42
1.43
1.44
1.45
-25 -15-5
51525 35455565 758595 105
TEMPERATURE:Ta[℃]
VCC=5V
Io=0A
VOUT=1.4V】
VCC=5V
Ta=25℃
VOUT=1.4V】
VCC=5V
Characteristics data【BD9110NV】
Fig.46 Vcc-Vout
Fig.47 Ven-Vout
Fig.48 Iout-Vout
Fig. 49 Ta-Vout
Fig.50 Efficiency
Fig.51 Ta-Fosc
Fig.52 Ta-Ronn, Ronp
Fig.53 Ta-Ven
Fig.54 Ta-Icc


Similar Part No. - BD9109FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9109FVM-E2 ROHM-BD9109FVM-E2 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LBTR ROHM-BD9109FVM-LBTR Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9109FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90002GWZ ROHM-BU90002GWZ_11 Datasheet
1Mb / 14P
   Output 1.0A High-efficiency Step-down Switching regulators with Built-in Power MOSFET
BD9302FP ROHM-BD9302FP_08 Datasheet
784Kb / 17P
   2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com