Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9300F Datasheet(PDF) 3 Page - Rohm

Part # BD9300F
Description  Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9300F Datasheet(HTML) 3 Page - Rohm

  BD9300F_08 Datasheet HTML 1Page - Rohm BD9300F_08 Datasheet HTML 2Page - Rohm BD9300F_08 Datasheet HTML 3Page - Rohm BD9300F_08 Datasheet HTML 4Page - Rohm BD9300F_08 Datasheet HTML 5Page - Rohm BD9300F_08 Datasheet HTML 6Page - Rohm BD9300F_08 Datasheet HTML 7Page - Rohm BD9300F_08 Datasheet HTML 8Page - Rohm BD9300F_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical characteristics (Unless otherwise specified, Ta=25˚C, Vcc=12 V, CT=200pF, RT=20 kΩ)
Measurement circuit diagram
3/16
Item
Symbol
Min
Typ
Max
Unit
Conditions
[Error amplifier block]
Input bias current
IIB
0.1
1
μA
Open loop gain
AV
85
dB
Null AMP
Maximum output voltage
VOH
2.3
2.5
V
Minimum output voltage
VOL
0.7
0.9
V
Output sink current
IOI
0.1
1
mA
VFB=1.25V
Output source current
IOO
40
70
μAVFB=1.25V
[Output block]
Saturation voltage
VSAT
1.0
1.4
V
Io=30mA
Leak current
ILEAK
––
10
μA
OUT=35V
[Control block]
CTL ON voltage
VON
2–
V
CTL OFF voltage
VOFF
0.7
V
CTL sink current
ICTL
–57
90
μAVCTL=5V
[Whole device]
Standby current
ISTB
–0
10
μAVCTL=0V
Average supply current
ICC
1.2
2.4
mA
RT=VREF
Limits
VCC
VCC
FM
FB
VREF
200pF
OUT
DTC
CTL
NON
1kΩ
1kΩ
1kΩ
100kΩ
100kΩ
20kΩ
470pF
SCP
IREF
V
V
Null
+
-
A
A
Fig. 1 Typical measurement circuit
V
A
A
A
A
A
A
V
V
V
V
Not designed to be radiation-resistant.


Similar Part No. - BD9300F_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9300FV ROHM-BD9300FV Datasheet
66Kb / 3P
   1-channel DC/DC converter controller
BD9300FV ROHM-BD9300FV Datasheet
212Kb / 6P
   1ch Switching Regulator Controller
More results

Similar Description - BD9300F_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com