Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9300F Datasheet(PDF) 8 Page - Rohm

Part # BD9300F
Description  Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9300F Datasheet(HTML) 8 Page - Rohm

Back Button BD9300F_08 Datasheet HTML 4Page - Rohm BD9300F_08 Datasheet HTML 5Page - Rohm BD9300F_08 Datasheet HTML 6Page - Rohm BD9300F_08 Datasheet HTML 7Page - Rohm BD9300F_08 Datasheet HTML 8Page - Rohm BD9300F_08 Datasheet HTML 9Page - Rohm BD9300F_08 Datasheet HTML 10Page - Rohm BD9300F_08 Datasheet HTML 11Page - Rohm BD9300F_08 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
External component setting procedure
Connecting a resistor and capacitor to the RT pin (pin 2) and the CT pin (pin 3) will set the triangular wave oscillation
frequency. The RT determines the charge/discharge current to the capacitor. Referring to Fig. 18, set RT resistor and
the CT capacitor. Recommended setting ranges are 5 to 100 kΩ for the CT resistor, 33 to 1000 pF for the CT capacitor,
and 20 kHz to 800 kHz for the oscillation frequency. Any setting outside of these ranges may turn OFF switching,
thus impairing the operation guarantee.
(3) Setting of DTC voltage
Applying the VDTC voltage to the DTC pin (pin 1) will fix the maximum duty ratio.This will serve to prevent the power
transistor (FET) from being FULL ON. Fig. 19 shows the relationship between the DTC voltage and the maximum duty
ratio. Referring to this Figure, set the DTC voltage.Next, generate the VDTC by dividing the VREF voltage with resistance
and then input the VDTC in the DTC pin.
Furthermore, the maximum duty ratio should be designed so as not to become a maximum duty for the normal use. The
following section shows ranges for the normal use.
VOMAX
VCCMIN
. Step-down voltage
ONDutyMAX =
10000
1000
100
10
1
2
10
100
200
RT [kΩ]
Fig. 18 RT/CT vs. Frequency
Ta=25˚C
Vcc=12V
CT=33pF
CT=33pF
CT=100pF
CT=100pF
CT=200pF
CT=200pF
CT=470pF
CT=470pF
CT=1000pF
CT=1000pF
CT=33pF
CT=100pF
CT=200pF
CT=470pF
CT=1000pF
120
100
80
60
40
20
0
-20
1.4
1.5
2
1.9
1.8
1.7
1.6
VDTC [V]
Fig. 19 DTC voltage vs. Maximum duty
Ta=25˚C
Vcc=12V
Fosc=220kHz
Fig. 15 Step-down voltage
Fig.16 Step-up voltage
Fig. 17 Inverting voltage
R8+R9
R9
Vo =
X 1.25 [V]
R8+R9
R9
Vo =
X 1.25 [V]
R8
R9
(
)
Vo = 1.25 1–
[V ]
8/16
12
14
Vo
R8
R9
ERR
+
. Step-down voltage
. Step-up voltage
. Inverting voltage
Reference voltage: 1.25 V
12
14
Vo
R8
R9
ERR
+
Reference voltage: 1.25 V
12
14
11
Vo (Negative)
R8
R9
ERR
+
Reference voltage: 1.25 V
VREF
(1) Design of feedback resistance constant
(2) Setting of oscillation frequency
Set step-down, step-up, and inverting feedback resistance as shown below. Set resistance in the range of 1 kΩ to
330 kΩ. Setting the resistance to 1 kΩ or less will result in degraded power efficiency, while setting it to 330 kΩ or
more will increase the offset voltage due to the input bias current of 0.1μA (TYP) of the error amplifier.
VOMAX VOMIN
VOMAX
. Step-up voltage
ONDutyMAX =
VOMAX
VOMAX VCCMIN
. nverting voltage
ONDutyMAX =


Similar Part No. - BD9300F_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9300FV ROHM-BD9300FV Datasheet
66Kb / 3P
   1-channel DC/DC converter controller
BD9300FV ROHM-BD9300FV Datasheet
212Kb / 6P
   1ch Switching Regulator Controller
More results

Similar Description - BD9300F_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com