Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9300F Datasheet(PDF) 7 Page - Rohm

Part # BD9300F
Description  Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9300F Datasheet(HTML) 7 Page - Rohm

Back Button BD9300F Datasheet HTML 3Page - Rohm BD9300F Datasheet HTML 4Page - Rohm BD9300F Datasheet HTML 5Page - Rohm BD9300F Datasheet HTML 6Page - Rohm BD9300F Datasheet HTML 7Page - Rohm BD9300F Datasheet HTML 8Page - Rohm BD9300F Datasheet HTML 9Page - Rohm BD9300F Datasheet HTML 10Page - Rohm BD9300F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Timing chart
. Basic operation
DT
FB
DTC
FB
OSC
[V]
2
1
0
5
0
2.5
0
5
0
5
0
2.5
0
5
0
2.5
1.25
0
2.5
1.5
0
1.8
0
VCC
[V]
CTL
[V]
OUT
[V]
NON
[V]
VREF
[V]
VO
[V]
NON
[V]
DTC
[V]
SCP
[V]
FB
[V]
. When the short circuit protection is activated
7/16
Fig. 13 Basic operation
Fig. 14 Timing when the short circuit protection is activated


Similar Part No. - BD9300F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9300F ROHM-BD9300F Datasheet
66Kb / 3P
   1-channel DC/DC converter controller
BD9300FV ROHM-BD9300FV Datasheet
66Kb / 3P
   1-channel DC/DC converter controller
BD9300FV ROHM-BD9300FV Datasheet
212Kb / 6P
   1ch Switching Regulator Controller
More results

Similar Description - BD9300F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9018KV ROHM-BD9018KV Datasheet
452Kb / 17P
   Step-down,High-efficiency Switching Regulators (Controller type)
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com