Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9532EKN Datasheet(PDF) 2 Page - Rohm

Part # BD9532EKN
Description  Switching Regulators for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9532EKN Datasheet(HTML) 2 Page - Rohm

  BD9532EKN_08 Datasheet HTML 1Page - Rohm BD9532EKN_08 Datasheet HTML 2Page - Rohm BD9532EKN_08 Datasheet HTML 3Page - Rohm BD9532EKN_08 Datasheet HTML 4Page - Rohm BD9532EKN_08 Datasheet HTML 5Page - Rohm BD9532EKN_08 Datasheet HTML 6Page - Rohm BD9532EKN_08 Datasheet HTML 7Page - Rohm BD9532EKN_08 Datasheet HTML 8Page - Rohm BD9532EKN_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/20
●Maximum Absolute Ratings (Ta=25℃)
Parameter
Symbol
Limit
Unit
Input Voltage 1
VCC
7
*1*2
V
Input Voltage 2
VDD
7
*1*2
V
Input Voltage 3
VIN
30
*1*2
V
BOOT Voltage
BOOT
35
*1*2
V
BOOT-SW Voltage
BOOT-SW
7
*1*2
V
HG-SW Voltage
HG-SW
7
*1*2
V
LG Voltage
LG
VDD
V
REF Voltage
REF
VCC
V
Output Voltage
VOUT/Is+/Is-
VCC
V
ILIM/SCP/SS/FS/SLLM Voltage
ILIM/SCP/SS/FS/SLLM
VCC
V
VREG Voltage
VREG
VCC
V
EN Input Voltage
EN
7
*1
V
Power Dissipation 1
Pd1
0.5
*3
W
Power Dissipation 2
Pd2
0.75
*4
W
Power Dissipation 3
Pd3
1.75
*5
W
Power Dissipation 4
Pd4
2.00
*6
W
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+150
Maximum Junction Temperature
Tjmax
+150
*1 Not to exceed Pd.
*2 Instantaneous surge voltage, back electromotive force and voltage under less than 10% duty cycle.
*3 Reduced by 4mW for each increase in Ta of 1℃ over 25℃ (when not mounted on a heat radiation board )
*4 Reduced by 6mW for increase in Ta of 1℃ over 25℃. (when mounted on a board 70.0mm×70mm×1.6mm Glass-epoxy PCB.)
*5 Reduced by 14mW for increase in Ta of 1℃ over 25℃. (when mounted on a board 70.0mm×70mm×1.6mm Glass-epoxy PCB.)
*6 Reduced by 16mW for increase in Ta of 1℃ over 25℃. (when mounted on a board 70.0mm×70mm×1.6mm Glass-epoxy PCB.)
●Operating Conditions (Ta=25℃)
Parameter
Symbol
MIN
MAX
Unit
Input Voltage 1
VCC
4.5
5.5
V
Input Voltage 2
VDD
4.5
5.5
V
Input Voltage 3
VIN
4.5
25
V
BOOT Voltage
BOOT
4.5
30
V
SW Voltage
SW
-0.7
25
V
BOOT-SW Voltage
BOOT-SW
4.5
5.5
V
SLLM Input Voltage
SLLM
0
5.5
V
EN Input Voltage
EN
0
5.5
V
Output setting voltage
REF
0.7
2.0
V
Is Input Voltage
Is+/Is-
0.7
2.7
V
MIN ON Time
Tonmin
-
200
nsec
This product should not be used in a radioactive environment.


Similar Part No. - BD9532EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9532EKN ROHM-BD9532EKN Datasheet
328Kb / 6P
   Step down DC/DC converter Controller for NOTE PC
More results

Similar Description - BD9532EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com