Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9532EKN Datasheet(PDF) 3 Page - Rohm

Part # BD9532EKN
Description  Switching Regulators for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9532EKN Datasheet(HTML) 3 Page - Rohm

  BD9532EKN_08 Datasheet HTML 1Page - Rohm BD9532EKN_08 Datasheet HTML 2Page - Rohm BD9532EKN_08 Datasheet HTML 3Page - Rohm BD9532EKN_08 Datasheet HTML 4Page - Rohm BD9532EKN_08 Datasheet HTML 5Page - Rohm BD9532EKN_08 Datasheet HTML 6Page - Rohm BD9532EKN_08 Datasheet HTML 7Page - Rohm BD9532EKN_08 Datasheet HTML 8Page - Rohm BD9532EKN_08 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/20
●ELECTRICAL CHARACTERISTICS
(unless otherwise noted, Ta=25℃ VCC=5V,VDD=5V,EN/SLLM=5V,VIN=12V,REF=1.8V,RFS=68kΩ)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
[Whole Device]
VCC Bias Current
Icc
-
700
900
μA
VIN Bias Current
Iin
-
100
200
μA
VCC Standby Current
Iccstb
-
0
10
μA
EN=0V
VIN Standby Current
Iinstb
-
100
200
μA
EN=0V
EN Low Voltage
Enlow
GND
-
0.8
V
EN HighVoltage
Enhigh
2.3
-
5.5
V
EN Bias Current
Ien
-
7
10
μA
VREG Voltage
Vreg
2.475
2.500
2.525
V
Ireg=100μA
Ta=-10℃ to 100℃*
[Under Voltage Locked Out ]
VCC threshold voltage
Vcc_UVLO
4.1
4.3
4.5
V
VCC
:Sweep up
VCC hysteresis voltage
dVcc_UVLO
100
160
220
mV
VCC:Sweep down
VIN threshold voltage
Vin_UVLO
4.1
4.3
4.5
V
VIN:Sweep up
VIN hysteresis voltage
dVin_UVLO
100
160
220
mV
VIN:Sweep down
VREG threshold voltage
Vreg_UVLO
2.0
2.2
2.4
V
VREG:Sweep up
VREG hysteresis voltage
dVreg_UVLO
100
160
220
mV
VREG:Sweep down
[H
3RegTM Controller]
Frequency
Fosc
-
300
-
kHz
ON Time
Ton
400
500
600
nsec
MAX ON Time
Tonmax
-
3
-
μsec
MIN OFF Time
Toffmin
-
450
550
nsec
[FET Driver]
HG Higher side ON resistor
HGhon
-
3.0
6.0
HG Lower side ON resistor
HGlon
-
2.0
4.0
LG Higher side ON resistor
LGhon
-
2.0
4.0
LG Lower side ON resistor
LGlon
-
0.5
1.0
[Dead Time]
HG rising
Hgdead
-
50
-
nsec
LG rising
LGdead
-
50
-
nsec
[SCP]
SCP Detect Voltage
Vscp
REF
×0.65
REF
×0.7
REF
×0.75
V
SCP threshold voltage
Vscpth
1.2
1.25
1.3
V
Charge current
Iscp
1.5
2
2.5
μA
Standby voltage
Vscp_stb
-
-
50
mV
[Soft start]
Charge current
Iss
1.5
2
2.5
μA
Standby voltage
Vss_stb
-
-
50
mV
[Over Current Protection Block]
Current limit threshold1
Ilim1
43
50
57
mV
ILIM=0.5V
Ta=-10℃ to 100℃*
Current limit threshold2
Ilim2
160
200
240
mV
ILIM=2.0V
Reverse-current limit threshold1
ReIlim1
-
-50
-
mV
Reverse-current limit threshold2
ReIlim2
-
-200
-
mV
ILIM bias current
IILIM
-15
-
nA
[VOUT setting ]
VOUT offset voltage
Voutoff
REF-7m
REF
REF+7m
V
Ta=-10℃ to 100℃*
VOUT bias current
Ivout
-100
0
100
nA
REF bias current
Iref
-100
0
100
nA
Is+ Input current
IIs+
-1
0
1
μA
Is+=1.8V
Is- Input current
IIs-
-1
0
1
μA
Is-=1.8V
[SLLM ]
Continuous mode threshold
Vthcon
VCC-0.5
-
VCC
V
SLLM threshold
VthSLLM
GND
-
0.5
V
* Design Guarantee


Similar Part No. - BD9532EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9532EKN ROHM-BD9532EKN Datasheet
328Kb / 6P
   Step down DC/DC converter Controller for NOTE PC
More results

Similar Description - BD9532EKN_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com