Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9778F Datasheet(PDF) 11 Page - Rohm

Part # BD9778F
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9778F Datasheet(HTML) 11 Page - Rohm

Back Button BD9778F_10 Datasheet HTML 7Page - Rohm BD9778F_10 Datasheet HTML 8Page - Rohm BD9778F_10 Datasheet HTML 9Page - Rohm BD9778F_10 Datasheet HTML 10Page - Rohm BD9778F_10 Datasheet HTML 11Page - Rohm BD9778F_10 Datasheet HTML 12Page - Rohm BD9778F_10 Datasheet HTML 13Page - Rohm BD9778F_10 Datasheet HTML 14Page - Rohm BD9778F_10 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
Technical Note
Phase compensation setting procedure
R
Feedback
C
FB
-
A
(1) Typical integrator (Low pass filter)
(2) Open loop characteristics of integrator
0
A
0
-90
-90˚
-180˚
-180
Phase
[˚]
Gain
[dB]
f
f
GBW(b)
-20dB/decade
Phase
margin
(a)
The following section describes the stability conditions of the negative feedback system.
Since the DC/DC converter application is sampled according to the switching frequency, GBW (frequency at 0-dB gain)
of the overall system should be set to 1/10 or less of the switching frequency. The following section summarizes the targeted
characteristics of this application.
At a 1 (0-dB) gain, the phase delay is 150˚ or less (i.e., the phase margin is 30˚ or more).
The GBW for this occasion is 1/10 or less of the switching frequency.
Responsiveness is determined with restrictions on the GBW. To improve responsiveness, higher switching frequency
should be provided.
Replace a secondary phase delay (-180˚) with a secondary phase lead by inserting two phase leads, to ensure the stability
through the phase compensation. Furthermore, the GBW (i.e., frequency at 0-dB gain) is determined according to phase
compensation capacitance provided for the error amplifier. Consequently, in order to reduce the GBW,
increase the capacitance value.
1.
Application stability conditions
Since the error amplifier is provided with (1) or (2) phase compensation, the low pass filter is applied. In the case of
the DC/DC converter application, the R becomes a parallel resistance of the feedback resistance.
Fig.35 RT vs fOSC BD9001F
50
100
150
200
250
300
100
50
200
300
400
500
600
700
800
OSCILATING FREQUENCY SETTING RESISTANCE : RT [kΩ]
Fig.34 RT vs fOSC (BD9781HFP/BD9778F/HFP)
800
50
100
150
200
250
300
350
400
450
500
100
0200
300
400
500
600
700
OSCILATING FREQUENCY SETTING RESISTANCE : RT[kΩ]
Fig.32 BD9001F reference layout pattern
Fig.33 BD9781HFP reference layout pattern
As shown above, design the GND pattern as large area as possible
within inner layer.
Gray zones indicate GND.
Co
L
C
Di
R1
C3
Cx2
R2
Co
L
C
Di
Cx1
RT
CT
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
BD9778F, BD9778HFP, BD9001F, BD9781HFP


Similar Part No. - BD9778F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9778F_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com